Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U385CG Datasheet(PDF) 156 Page - STMicroelectronics

Part # STM32U385CG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U385CG Datasheet(HTML) 156 Page - STMicroelectronics

Back Button STM32U385CG Datasheet HTML 152Page - STMicroelectronics STM32U385CG Datasheet HTML 153Page - STMicroelectronics STM32U385CG Datasheet HTML 154Page - STMicroelectronics STM32U385CG Datasheet HTML 155Page - STMicroelectronics STM32U385CG Datasheet HTML 156Page - STMicroelectronics STM32U385CG Datasheet HTML 157Page - STMicroelectronics STM32U385CG Datasheet HTML 158Page - STMicroelectronics STM32U385CG Datasheet HTML 159Page - STMicroelectronics STM32U385CG Datasheet HTML 160Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 224 page
background image
Table 103. DAC accuracy
Specified by design and not tested in production.
Symbol
Parameter
Conditions
Min Typ Max Unit
DNL
Differential nonlinearity(1)
DAC output buffer ON
-
-
± 2
LSB
DAC output buffer OFF
-
-
± 2
-
Monotonicity
10 bits
guaranteed
-
INL
Integral nonlinearity(2)
DAC output buffer ON, CL ≤ 50 pF, RL ≥ 5 kΩ
-
-
± 4
LSB
DAC output buffer OFF, CL ≤ 50 pF, no RL
-
-
± 4
Offset
Offset error at code 0x800(2)
DAC output buffer OFF, CL ≤ 50 pF, no RL
-
-
± 8
LSB
Offset1
Offset error at code 0x001(3)
DAC output buffer OFF, CL ≤ 50 pF, no RL
-
-
± 5
OffsetCal Offset error at code 0x800
(2)
after calibration
DAC output buffer ON, CL ≤ 50 pF, RL ≥ 5 kΩ
VREF+ = 3.6 V
-
-
± 5
VREF+ = 1.6 V
-
-
± 5
Gain
Gain error(4)
DAC output buffer ON, CL ≤ 50 pF, RL ≥ 5 kΩ
-
-
± 0.5
%
DAC output buffer OFF, CL ≤ 50 pF, no RL
-
-
± 0.5
TUE
Total unadjusted error
DAC output buffer OFF, CL ≤ 50 pF, no RL
-
-
± 10
LSB
DAC output buffer ON, CL ≤ 50 pF, RL ≥ 5 kΩ,
after calibration
-
-
± 14
SNR
Signal-to-noise ratio(5)
DAC output buffer ON, CL ≤ 50 pF, RL ≥ 5 kΩ, 1 kHz, BW = 500 kHz
-
70.6
-
dB
DAC output buffer OFF, CL ≤ 50 pF, no RL, 1 kHz, BW = 500 kHz
-
72
-
THD
Total harmonic distortion(5)
DAC output buffer ON, CL ≤ 50 pF, RL ≥ 5 kΩ, 1 kHz
-
-79
-
DAC output buffer OFF, CL ≤ 50 pF, no RL, 1 kHz
-
-81
-
SINAD
Signal-to-noise and distortion ratio(5)
DAC output buffer ON, CL ≤ 50 pF, RL ≥ 5 kΩ, 1 kHz
-
70.1
-
DAC output buffer OFF, CL ≤ 50 pF, no RL, 1 kHz
-
71.5
-
ENOB
Effective number of bits
DAC output buffer ON, CL ≤ 50 pF, RL ≥ 5 kΩ, 1 kHz
-
11.3
-
bits
DAC output buffer OFF, CL ≤ 50 pF, no RL, 1 kHz
-
11.6
-
1. Difference between two consecutive codes minus 1 LSB.
2. Difference between the value measured at code i and the value measured at code i on a line drawn between code 0 and last code 4095.
3. Difference between the value measured at code (0x001) and the ideal value.
4. Difference between the ideal transfer-function slope and the measured slope computed from code 0x000 and 0xFFF when the buffer is OFF,
and from code giving 0.2 V and (VREF+ - 0.2 V) when the buffer is ON.
5. Signal is -0.5 dBFS with Fsampling = 1 MHz.
STM32U385xx
Electrical characteristics
DS14830 - Rev 2
page 156/224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com