Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U385CG Datasheet(PDF) 170 Page - STMicroelectronics

Part # STM32U385CG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U385CG Datasheet(HTML) 170 Page - STMicroelectronics

Back Button STM32U385CG Datasheet HTML 166Page - STMicroelectronics STM32U385CG Datasheet HTML 167Page - STMicroelectronics STM32U385CG Datasheet HTML 168Page - STMicroelectronics STM32U385CG Datasheet HTML 169Page - STMicroelectronics STM32U385CG Datasheet HTML 170Page - STMicroelectronics STM32U385CG Datasheet HTML 171Page - STMicroelectronics STM32U385CG Datasheet HTML 172Page - STMicroelectronics STM32U385CG Datasheet HTML 173Page - STMicroelectronics STM32U385CG Datasheet HTML 174Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 224 page
background image
Figure 54. OCTOSPI HyperBus write
NCS
Access latency
Latency count
Command address
47:40 39:32 31:24 23:16
15:8
7:0
Dn
A
Dn
B
Dn+1
A
Dn+1
B
Host drives DQ[7:0] and the memory drives RWDS.
Host drives DQ[7:0] and RWDS.
CLK, NCLK
RWDS
DQ[7:0]
tw(CS)
tv(RWDS)
tv(CLK)
th(CLK)
High = 2x latency count
Low = 1x latency count
Read write recovery
th(OUT)
tv(OUT)
th(OUT)
tv(OUT)
th(OUT)
tv(OUT)
5.3.29
SD/SDIO/e.MMC card host interfaces (SDMMC) characteristics
Unless otherwise specified, the parameters given in Table 114 and Table 115 are derived from tests performed
under the ambient temperature, fAHB frequency and VDD supply voltage conditions summarized in Table 27, with
the following configuration:
•
Output speed set to OSPEEDRy[1:0] = 10
•
Capacitive load CL = 30 pF, unless otherwise specified
•
Measurement points done at 0.5 × VDD level
•
I/O compensation cell activated
•
HSLV activated when VDD ≤ 2.7 V
•
Voltage scaling range 1
Refer to Table 86. I/O static characteristics for more details on the input/output alternate function characteristics.
Table 114. SD/e.MMC characteristics (VDD = 2.7 V to 3.6 V)
Evaluated by characterization. Not tested in production.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPP
Clock frequency in data transfer mode
-
0
-
96(1)
MHz
tW(CKL)
Clock low time
fPP = 48 MHz
9.5
10.5
-
ns
tW(CKH)
Clock high time
fPP = 48 MHz
9.5
10.5
-
CMD, D inputs (referenced to CK) in e.MMC legacy/SDR/DDR and SD HS/SDR(2)/DDR(2) modes
tISU
Input setup time HS
-
4
-
-
ns
tIH
Input hold time HS
-
1.5
-
-
tIDW(3)
Input valid window (variable window)
-
4.5
-
-
CMD, D outputs (referenced to CK) in e.MMC legacy/SDR/DDR and SD HS/SDR(2)/DDR(2) modes
tOV
Output valid time HS
-
-
6
6.6
ns
tOH
Output hold time HS
-
4
-
-
CMD, D inputs (referenced to CK) in SD default mode
tISU
Input setup time SD
-
4
-
-
ns
tIH
Input hold time SD
-
0.5
-
-
STM32U385xx
Electrical characteristics
DS14830 - Rev 2
page 170/224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com