Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U385CG Datasheet(PDF) 166 Page - STMicroelectronics

Part # STM32U385CG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U385CG Datasheet(HTML) 166 Page - STMicroelectronics

Back Button STM32U385CG Datasheet HTML 162Page - STMicroelectronics STM32U385CG Datasheet HTML 163Page - STMicroelectronics STM32U385CG Datasheet HTML 164Page - STMicroelectronics STM32U385CG Datasheet HTML 165Page - STMicroelectronics STM32U385CG Datasheet HTML 166Page - STMicroelectronics STM32U385CG Datasheet HTML 167Page - STMicroelectronics STM32U385CG Datasheet HTML 168Page - STMicroelectronics STM32U385CG Datasheet HTML 169Page - STMicroelectronics STM32U385CG Datasheet HTML 170Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 224 page
background image
•
Measurement points done at 0.5 × VDD level
•
I/O compensation cell activated
•
HSLV activated when VDD ≤ 2.7 V
•
Voltage scaling range 1
Refer to Table 86. I/O static characteristics for more details on the input/output alternate function characteristics.
Table 111. OCTOSPI characteristics in SDR mode
Measured values in this table apply to Octo- and Quad-SPI data modes. Delay block bypassed.
Evaluated by characterization. Not tested in production.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
f(CLK)
OCTOSPI clock frequency
2.7 V < VDDIOX < 3.6 V Voltage range 1
CL = 15 pF
-
-
96
MHz
1.71 V < VDDIOX < 3.6 V Voltage range 1
CL = 15 pF
-
-
93
1.71 V < VDDIOX < 3.6 V Voltage range 2
CL = 15 pF
-
-
48
1.08 V ≤ VDDIO2 ≤ 1.32 V
CL = 15 pF
-
-
15
tw(CLKH) OCTOSPI clock high and low time
(even division)
PRESCALER[7:0] = n (n = 0, 1, 3, 5,..255)
t(CLK)/2 - 0.5
-
t(CLK)/2
ns
tw(CLKL)
tw(CLKH)
OCTOSPI clock high and low time
(odd division)
PRESCALER[7:0] = n (n = 2, 4, 6,..254)
(n/2) × t(CLK)/(n+1)
- 0.5
-
(n/2) × t(CLK)/
(n+1)
tw(CLKL)
((n/2)+1) × t(CLK)/
(n+1) - 0.5
-
((n/2)+1) ×
t(CLK)/(n+1)
ts(DQ)
Data input setup time
Voltage range 1
3
-
-
Voltage range 2
5
-
-
th(DQ)
Data input hold time
Voltage range 1
3
-
-
Voltage range 2
3.5
-
-
tv(OUT) Data output valid time
Voltage range 1
-
1
3
Voltage range 2
-
1.5
3.5
th(OUT) Data output hold time
Voltage range 1
0
-
-
Voltage range 2
0
-
-
Table 112. OCTOSPI characteristics in DTR mode (no DQS)
Measured values in this table apply to Octo- and Quad-SPI data modes. Delay block bypassed.
Evaluated by characterization. Not tested in production.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
f(CLK)
OCTOSPI clock frequency
1.71 V < VDDIOX < 3.6 V Voltage range 1
CL = 15 pF
-
-
48(1)
MHz
1.71 V < VDDIOX < 3.6 V Voltage range 2
CL = 15 pF
-
-
24(1)
1.08 V ≤ VDDIO2 ≤ 1.32 V
CL = 15 pF
-
-
15(1)
tw(CLKH) OCTOSPI clock high and low
time (even division)
PRESCALER[7:0] = n (n = 0, 1, 3, 5,..255)
t(CLK)/2 - 0.5
-
t(CLK)/2 + 0.5
ns
tw(CLKL)
STM32U385xx
Electrical characteristics
DS14830 - Rev 2
page 166/224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com