Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U385CG Datasheet(PDF) 162 Page - STMicroelectronics

Part # STM32U385CG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U385CG Datasheet(HTML) 162 Page - STMicroelectronics

Back Button STM32U385CG Datasheet HTML 158Page - STMicroelectronics STM32U385CG Datasheet HTML 159Page - STMicroelectronics STM32U385CG Datasheet HTML 160Page - STMicroelectronics STM32U385CG Datasheet HTML 161Page - STMicroelectronics STM32U385CG Datasheet HTML 162Page - STMicroelectronics STM32U385CG Datasheet HTML 163Page - STMicroelectronics STM32U385CG Datasheet HTML 164Page - STMicroelectronics STM32U385CG Datasheet HTML 165Page - STMicroelectronics STM32U385CG Datasheet HTML 166Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 224 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
PGA gain(1)
Non-inverting gain value
PGA_GAIN[1:0] = 01
-
-
4
-
PGA_GAIN[1:0] = 10
-
8
-
PGA_GAIN[1:0] = 11
-
16
-
Rnetwork
R2/R1 internal resistance
values in non-inverting PGA
mode(3)
PGA gain = 2
-
80/80
-
kΩ/ kΩ
PGA gain = 4
-
120/40
-
PGA gain = 8
-
140/20
-
PGA gain = 16
-
150/10
-
Delta R
Resistance variation
(R1 or R2)
-
-18
-
18
%
PGA gain error
PGA gain error
-
-1
-
1
PGA BW
PGA bandwidth for different
non inverting gain
PGA gain = 2
-
GBW/2
-
MHz
PGA gain = 4
-
GBW/4
-
PGA gain = 8
-
GBW/8
-
PGA gain = 16
-
GBW/16
-
en
Voltage noise density
Normal mode
At 1 kHz,
output loaded with 3.9 kΩ
-
220
-
nV
/√Hz
Low-power mode
At 1 kHz,
output loaded with 20 kΩ
-
350
-
Normal mode
At 10 kHz, output loaded with
3.9 kΩ
-
190
-
Low-power mode
at 10 kHz, output loaded with
20 kΩ
-
210
-
IDDA(OPAMP)
OPAMP consumption from
VDDA
Normal mode
no load, quiescent mode,
standard speed
-
130
190
µA
Low-power mode
-
40
58
Normal mode
no load, quiescent mode,
high-speed mode
-
138
205
Low-power mode
-
42
60
1. Evaluated by characterization. Not tested in production.
2. Mostly I/O leakage when used in analog mode. Refer to Ilkg parameter in Table 86. I/O static characteristics.
3. R2 is the internal resistance between the OPAMP output and the OPAMP inverting input. R1 is the internal resistance between the OPAMP
inverting input and ground. PGA gain = 1 + R2/R1.
STM32U385xx
Electrical characteristics
DS14830 - Rev 2
page 162/224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com