Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U385CG Datasheet(PDF) 164 Page - STMicroelectronics

Part # STM32U385CG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U385CG Datasheet(HTML) 164 Page - STMicroelectronics

Back Button STM32U385CG Datasheet HTML 160Page - STMicroelectronics STM32U385CG Datasheet HTML 161Page - STMicroelectronics STM32U385CG Datasheet HTML 162Page - STMicroelectronics STM32U385CG Datasheet HTML 163Page - STMicroelectronics STM32U385CG Datasheet HTML 164Page - STMicroelectronics STM32U385CG Datasheet HTML 165Page - STMicroelectronics STM32U385CG Datasheet HTML 166Page - STMicroelectronics STM32U385CG Datasheet HTML 167Page - STMicroelectronics STM32U385CG Datasheet HTML 168Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 224 page
background image
Table 107. ADF characteristics
Evaluated by characterization and not tested in production.
Symbol
Parameter
Conditions
Min
Typ Max Unit
fCCKI
Input clock frequency via
ADF_CCK[1:0] pin, in SLAVE SPI mode
1.71 ≤ VDD ≤ 3.6 V
-
-
25
MHz
fCCKO
Output clock frequency in MASTER SPI
mode
-
-
25
fCCKOLF
Output clock frequency in LF_MASTER
SPI mode
-
-
5
fSYMB
Input symbol rate in Manchester mode
-
-
20
tHCCKI tLCCKI
ADF_CCK[1:0] input clock high and low
time
In SLAVE SPI mode
2 × Tadf_proc_ck(1)
-
-
ns
tHCCKO tLCCKO
ADF_CCK[1:0] output clock high and
low time
In MASTER SPI mode
2 × Tadf_proc_ck
-
-
tHCCKOLF
tLCCKOLF
ADF_CCK[1:0] output clock high and
low time
In LF_MASTER SPI mode
Tadf_proc_ck
-
-
tSUCCKI
Data setup time with respect to
ADF_CCK[1:0] input
In SLAVE SPI mode: ADF_CCK[1:0]
configured in input, measured on rising
and falling edge
4.5
-
-
tHDCCKI
Data hold time with respect to
ADF_CCK[1:0] input
1.0
-
-
tSUCCKO
Data setup time with respect to
ADF_CCK[1:0] output
In MASTER SPI mode: ADF_CCK[1:0]
configured in output, measured on rising
and falling edge
4.5
-
-
tHDCCKO
Data hold time with respect to
ADF_CCK[1:0] output
0.5
-
-
tSUCCKOLF
Data setup time with respect to
ADF_CCK[1:0] output
In LF_MASTER SPI mode: ADF_CCK[1:0]
configured in output, measured on rising
and falling edge
15
-
-
tHDCCKOLF
Data hold time with respect to
ADF_CCK[1:0] output
0
-
-
1. Tadf_proc_ck is the period of the ADF processing clock.
Figure 48. ADF timing diagram
ADF_SDIx (I)
ADF_CCK (I/O)
tSUCCKI
tSUCCKO
tSUCCKOLF
fCCKI, fCCKO, fCCKOLF
tLCCKI, tLCCKO,
tLCCKOLF
tHDCCKI
tHDCCKO
tHDCCKOLF
tHCCKI, tHCCKO,
tHCCKOLF
tSUCCKI
tSUCCKO
tSUCCKOLF
tHDCCKI
tHDCCKO
tHDCCKOLF
5.3.27
Timer characteristics
The parameters given in Table 108, Table 109, and Table 110 are specified by design, not tested in production.
Refer to Table 86. I/O static characteristics for details on the input/output alternate function characteristics (output
compare, input capture, external clock, PWM output).
STM32U385xx
Electrical characteristics
DS14830 - Rev 2
page 164/224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com