Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U385CG Datasheet(PDF) 161 Page - STMicroelectronics

Part # STM32U385CG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U385CG Datasheet(HTML) 161 Page - STMicroelectronics

Back Button STM32U385CG Datasheet HTML 157Page - STMicroelectronics STM32U385CG Datasheet HTML 158Page - STMicroelectronics STM32U385CG Datasheet HTML 159Page - STMicroelectronics STM32U385CG Datasheet HTML 160Page - STMicroelectronics STM32U385CG Datasheet HTML 161Page - STMicroelectronics STM32U385CG Datasheet HTML 162Page - STMicroelectronics STM32U385CG Datasheet HTML 163Page - STMicroelectronics STM32U385CG Datasheet HTML 164Page - STMicroelectronics STM32U385CG Datasheet HTML 165Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 224 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
TRIMOFFSETP
TRIMLPOFFSETP
Offset trim step at low
common input voltage (0.1 ×
VDDA)
-
-
1.05
1.25
mV
TRIMOFFSETN
TRIMLPOFFSETN
Offset trim step at high
common input voltage (0.9 ×
VDDA)
-
-
1.05
1.25
ILOAD
Drive current
Normal mode
-
-
500
μA
Low-power mode
-
-
100
ILOAD_PGA
Drive current in PGA mode
Normal mode
-
-
450
Low-power mode
-
-
50
RLOAD
Resistive load (connected to
VSSA or VDDA)
Normal mode
3.9
-
-
kΩ
Low-power mode
20
-
-
CLOAD
Capacitive load
-
-
-
50
pF
CMRR
Common mode rejection ratio
Normal mode
-
79
-
dB
Low-power mode
-
69
-
PSRR
Power supply rejection ratio
Normal mode
CLOAD ≤ 50 pF, (1)
RLOAD ≥ 3.9 kΩ, DC
35
75
-
Low-power mode
CLOAD ≤ 50 pF,
RLOAD ≥ 20 kΩ(1), DC
32
69
-
GBW
Gain bandwidth product
Normal mode
0.4
2
3.1
MHz
Low-power mode
0.23
0.5
0.76
SR(1)
Slew rate (from 10% and 90%
of output voltage)
Normal mode
Standard speed mode
(OPAHSM = 0)
0.5
1
3.2
V/µs
Low-power mode
0.14
0.25
0.75
Normal mode
High speed mode
(OPAHSM = 1)
1.4
3.2
5.6
Low-power mode
0.38
0.82
1.5
AO
Open loop gain
Normal mode
72
105
-
dB
Low-power mode
77
106
-
φm
Phase margin
Normal mode
54
67
-
°
Low-power mode
54
65
-
GM
Gain margin
Normal mode
-
9
-
dB
Low-power mode
-
17
-
VOHSAT(1)
High saturation voltage
Normal mode
ILOAD max or RLOAD min,
Input at VDDA
VDDA
- 100
-
-
mV
Low-power mode
VDDA
- 50
-
-
VOLSAT(1)
Low saturation voltage
Normal mode
ILOAD max or RLOAD min,
Input at 0 V
-
-
100
Low-power mode
-
-
50
tWAKEUP
Wake-up time from OFF state
Normal mode
CLOAD ≤ 50 pF,
RLOAD ≥ 3.9 kΩ, follower
config.
-
4
10
µs
Low-power mode
CLOAD ≤ 50 pF,
RLOAD ≥ 20 kΩ, follower config.
-
20
40
Ibias
OPAMP input bias current
General purpose input
-
-
(2)
nA
PGA gain(1)
Non-inverting gain value
PGA_GAIN[1:0] = 00
-
2
-
-
STM32U385xx
Electrical characteristics
DS14830 - Rev 2
page 161/224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com