Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U385VG Datasheet(PDF) 53 Page - STMicroelectronics

Part # STM32U385VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U385VG Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STM32U385VG Datasheet HTML 49Page - STMicroelectronics STM32U385VG Datasheet HTML 50Page - STMicroelectronics STM32U385VG Datasheet HTML 51Page - STMicroelectronics STM32U385VG Datasheet HTML 52Page - STMicroelectronics STM32U385VG Datasheet HTML 53Page - STMicroelectronics STM32U385VG Datasheet HTML 54Page - STMicroelectronics STM32U385VG Datasheet HTML 55Page - STMicroelectronics STM32U385VG Datasheet HTML 56Page - STMicroelectronics STM32U385VG Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 224 page
background image
3.42
Controller area network (FDCAN)
The controller area network (CAN) subsystem consists of one CAN module, a shared message RAM memory and
a configuration block.
The modules (FDCAN) are compliant with ISO 11898-1: 2015 (CAN protocol specification version 2.0 part A, B)
and CAN FD protocol specification version 1.0.
A 0.8-Kbyte message RAM implements filters, receives FIFOs, transmits event FIFOs and transmits FIFOs.
The FDCAN main features are:
•
Conform with CAN protocol version 2.0 part A, B, and ISO 11898-1: 2015, -4
•
CAN FD with maximum 64 data bytes supported
•
CAN error logging
•
AUTOSAR and J1939 support
•
Improved acceptance filtering
•
2 receive FIFOs of three payloads each (up to 64 bytes per payload)
•
Separate signaling on reception of high priority messages
•
Configurable transmit FIFO / queue of three payloads (up to 64 bytes per payload)
•
Transmit Event FIFO
•
Programmable loop-back test mode
•
Maskable module interrupts
•
Two clock domains: APB bus interface and CAN core kernel clock
•
Power-down support
3.43
USB full-speed (USB)
The devices embed a USB full-speed device/host peripheral with integrated transceivers. The USB peripheral
implements an interface between a full-speed USB 2.0 bus and the APB2 bus. USB suspend/resume are
supported, which permits to stop the device clocks for low-power consumption.
This interface requires a precise 48 MHz clock that can be generated by the internal 48 MHz oscillator (HSI48) in
automatic-trimming mode. The synchronization for this oscillator can be taken from the USB data stream itself
(SOF signalization) that allows crystal less operation.
The USB full-speed features are:
•
USB specification version 2.0 full-speed compliant
•
Supports both Host and Device modes
•
Configurable number of endpoints from 1 to 8
•
Dedicated packet buffer memory (SRAM) of 2048 bytes
•
Cyclic redundancy check (CRC) generation/checking, Non-return-to-zero Inverted (NRZI) encoding/
decoding and bit-stuffing
•
Isochronous transfers support
•
Double-buffered bulk/isochronous endpoint/channel support
•
USB Suspend/Resume operations
•
Frame locked clock pulse generation
•
USB 2.0 Link Power Management support (Device mode only)
•
Battery Charging Specification Revision 1.2 support (Device mode only)
•
USB connect / disconnect capability (controllable embedded pull-up resistor on USB_DP line)
Table 19. USB features
USB features(1)
USB
Host mode
X
Number of endpoints
8
Size of dedicated packet buffer memory SRAM
2048 bytes
Dedicated packet buffer memory SRAM access scheme
32 bits
STM32U385xx
Functional overview
DS14830 - Rev 2
page 53/224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com