Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U385VG Datasheet(PDF) 93 Page - STMicroelectronics

Part # STM32U385VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U385VG Datasheet(HTML) 93 Page - STMicroelectronics

Back Button STM32U385VG Datasheet HTML 89Page - STMicroelectronics STM32U385VG Datasheet HTML 90Page - STMicroelectronics STM32U385VG Datasheet HTML 91Page - STMicroelectronics STM32U385VG Datasheet HTML 92Page - STMicroelectronics STM32U385VG Datasheet HTML 93Page - STMicroelectronics STM32U385VG Datasheet HTML 94Page - STMicroelectronics STM32U385VG Datasheet HTML 95Page - STMicroelectronics STM32U385VG Datasheet HTML 96Page - STMicroelectronics STM32U385VG Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 224 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
PD
Power
dissipation at
TA = 85 °C for
suffix 6(7)
UFQFPN32
See Section 6.11: Package thermal characteristics
for application appropriate thermal resistance and
package. The power dissipation is then calculated
according to ambient temperature (TA) and
maximum junction temperature (TJ) and selected
thermal resistance.
mW
LQFP48
UFQFPN48
WLCSP52
LQFP64
UFBGA64
WLCSP68-G
WLCSP68-Q
LQFP100
UFBGA100
PD
Power
dissipation at
TA = 105 °C for
suffix 7(7)
UFQFPN32
LQFP48
UFQFPN48
WLCSP52
LQFP64
UFBGA64
WLCSP68-G
WLCSP68-Q
LQFP100
UFBGA100
TA
Ambient
temperature for
suffix 6
Maximum power dissipation
–40
-
85
°C
Low-power dissipation(8)
105
Ambient
temperature for
suffix 7
Maximum power dissipation
105
Low-power dissipation(8)
110
TJ
Junction
temperature
range
Suffix 6 version
-40
-
105
Suffix 7 version
110
1. HSLV means high-speed low-voltage mode (refer to the product reference manual).
2. When RESET is released, the functionality is guaranteed down to VBORx min.
3. In VBAT mode, the functionality is guaranteed down to VBOR_VBAT min.
4. This formula has to be applied only on the power supplies related to the I/O structure described by the pin definition table. The maximum I/O
input voltage is the smallest value between Min (VDD, VDDA, VDDUSB, VDDIO2) + 3.6 V, and 5.5 V.
5. For operation with voltage higher than Min (VDD, VDDA, VDDUSB, VDDIO2) + 0.3 V, the internal pull
‑up and pull‑down resistors must be
disabled.
6. The I/Os powered by VSW are: PC13, PC14, PC15
7. If TA is lower, higher PD values are allowed as long as TJ does not exceed TJmax (see Section 6.11: Package thermal characteristics).
8. In low
‑power dissipation state, TA can be extended to this range as long as TJ does not exceed TJ max (see Section 6.11: Package thermal
characteristics).
5.3.2
Operating conditions at power-up/power-down
The parameters given in the table below are derived from tests performed under the ambient temperature
condition summarized in Table 27.
STM32U385xx
Electrical characteristics
DS14830 - Rev 2
page 93/224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com