Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U385VG Datasheet(PDF) 78 Page - STMicroelectronics

Part # STM32U385VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U385VG Datasheet(HTML) 78 Page - STMicroelectronics

Back Button STM32U385VG Datasheet HTML 74Page - STMicroelectronics STM32U385VG Datasheet HTML 75Page - STMicroelectronics STM32U385VG Datasheet HTML 76Page - STMicroelectronics STM32U385VG Datasheet HTML 77Page - STMicroelectronics STM32U385VG Datasheet HTML 78Page - STMicroelectronics STM32U385VG Datasheet HTML 79Page - STMicroelectronics STM32U385VG Datasheet HTML 80Page - STMicroelectronics STM32U385VG Datasheet HTML 81Page - STMicroelectronics STM32U385VG Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 224 page
background image
Pin number
Alternate functions
Additional
functions
42
42
F4
58
A4
F6
C7
92
A5
29
42
58
D3
92
B5
PB6
I/O
FT_fha
-
LPTIM1_ETR, TIM4_CH1,
I2C1_SCL(boot), I3C1_SCL,
I3C2_SCL, USART1_TX,
TSC_G2_IO3, OCTOSPI1_IO5,
SAI1_FS_B, TIM16_CH1N,
EVENTOUT
COMP2_INP2,
WKUP3
43
43
E5
59
D3
C7
A7
93
A4
30
43
59
C3
93
B4
PB7
I/O
FT_fha
(7)
LPTIM1_IN2, TIM4_CH2,
I2C1_SDA(boot), USART1_RX,
UART4_CTS, TSC_G2_IO4,
OCTOSPI1_IO6, TIM17_CH1N,
EVENTOUT
COMP2_INM1,
PVD_IN, WKUP4
44
44
C5
60
A3
A7
B8
94
A3
-
44
60
B4
94
A4
PH3-BOOT0
(PH3)
I/O
FT_fh
-
TIM4_CH4, I3C1_SDA, I3C2_SDA,
EVENTOUT
-
45
45
B6
61
C3
B8
-
95
B4
-
45
61
B3
95
A3
PB8
I/O
FT_fh
-
TIM4_CH3, SAI1_CK1, I2C1_SCL,
I3C2_SCL, SPI3_RDY,
SDMMC1_CKIN, FDCAN1_RX(boot),
SDMMC1_D4, SAI1_MCLK_A,
TIM16_CH1, EVENTOUT
WKUP5
-
-
A7
-
-
C9
-
96
A1
-
46
62
A3
96
B3
PB9
I/O
FT_fh
-
IR_OUT, TIM4_CH4, SAI1_D2,
I2C1_SDA, SPI2_NSS, I3C2_SDA,
SDMMC1_CDIR, FDCAN1_TX(boot),
SDMMC1_D5, SAI1_FS_A,
TIM17_CH1, EVENTOUT
-
-
-
-
-
-
-
-
97
A2
-
-
-
-
97
C3
PE0
I/O
FT
-
TIM4_ETR, TIM16_CH1, EVENTOUT
-
-
-
-
-
-
-
-
-
-
-
-
-
-
98
A2
PE1
I/O
FT
-
TIM17_CH1, EVENTOUT
-
-
-
-
-
-
-
-
-
-
31
-
-
-
-
-
VCAP
S
-
-
-
-
46
46
-
62
A2
-
-
98
C5
-
-
-
-
-
-
VDD11
S
-
-
-
-
47
47
C7
63
B7
D8
D8
99
D10
32
47
63
D6
99
F2
VSS
S
-
-
-
-
48
48
B8
64
A8
A9
A9
10
0
K4
1
48
64
E4
10
0
H3
VDD
S
-
-
-
-
1. PC13, PC14 and PC15 are supplied through the power switch (by VSW). Since the switch only sinks a limited amount of current (3 mA), the use of PC13 to PC15 GPIOs in output
mode is limited. PC13 speed must not exceed 2 MHz with a maximum load of 30 pF. Refer to FT_o electrical characteristics for PC14, PC15. These GPIOs must not be used as
current sources (for example to drive a LED).
2. After a backup domain power-up, PC13, PC14 and PC15 operate as GPIOs. Their function depends on the content of the RTC registers that are not reset by the system reset. For
details on how to manage these GPIOs, refer to the backup domain and RTC register descriptions in the product reference manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com