Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U385VG Datasheet(PDF) 96 Page - STMicroelectronics

Part # STM32U385VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U385VG Datasheet(HTML) 96 Page - STMicroelectronics

Back Button STM32U385VG Datasheet HTML 92Page - STMicroelectronics STM32U385VG Datasheet HTML 93Page - STMicroelectronics STM32U385VG Datasheet HTML 94Page - STMicroelectronics STM32U385VG Datasheet HTML 95Page - STMicroelectronics STM32U385VG Datasheet HTML 96Page - STMicroelectronics STM32U385VG Datasheet HTML 97Page - STMicroelectronics STM32U385VG Datasheet HTML 98Page - STMicroelectronics STM32U385VG Datasheet HTML 99Page - STMicroelectronics STM32U385VG Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 224 page
background image
Table 30. Embedded internal voltage reference
The values in this table are specified by design and not tested in production.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VREFINT(1)
Internal reference
voltages
Range 1
1.175
1.215
1.243
V
Range 2 and low-power
modes
1.170
1.215
1.248
V
tS_vrefint(2)
ADC sampling time when
reading the internal
reference voltage
-
12.65
-
-
µs
tstart_vrefint
Start time of reference
voltage buffer when ADC
is enabled
-
4
6
µs
IDD(VREFINTBUF)
VREFINT buffer
consumption from VDD
when converted by ADC
-
1.5
2.1
µA
ΔVREFINT
Internal reference
voltage spread over the
temperature range
VDD = 3 V
-
5
8.75
mV
Tcoeff
Average temperature
coefficient
-40 °C < TJ < 110 °C
-
28
78
ppm/°C
Acoeff
Long-term stability
1000 hours, TJ = 25°C
-
400
1000
ppm
VDDcoeff
Average voltage
coefficient
3.0 V < VDD < 3.6 V
726
1900
ppm/V
VREFINT_DIV1
1/4 reference voltage
VDD = 3.3 V
24
25
26
% VREFINT
VREFINT_DIV2
1/2 reference voltage
VDD = 3.3 V
49
50
51
VREFINT_DIV3
3/4 reference voltage
VDD = 3.3 V
74
75
76
1. VREFINT does not take into account package and soldering effects.
2. The shortest sampling time for the application can be determined by multiple iterations.
Figure 27. VREFINT versus temperature
1.190
1.195
1.200
1.205
1.210
1.215
1.220
1.225
1.230
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
110
Temperature ( C)
Mean
Min
Max
°
STM32U385xx
Electrical characteristics
DS14830 - Rev 2
page 96/224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com