Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U385VG Datasheet(PDF) 89 Page - STMicroelectronics

Part # STM32U385VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U385VG Datasheet(HTML) 89 Page - STMicroelectronics

Back Button STM32U385VG Datasheet HTML 85Page - STMicroelectronics STM32U385VG Datasheet HTML 86Page - STMicroelectronics STM32U385VG Datasheet HTML 87Page - STMicroelectronics STM32U385VG Datasheet HTML 88Page - STMicroelectronics STM32U385VG Datasheet HTML 89Page - STMicroelectronics STM32U385VG Datasheet HTML 90Page - STMicroelectronics STM32U385VG Datasheet HTML 91Page - STMicroelectronics STM32U385VG Datasheet HTML 92Page - STMicroelectronics STM32U385VG Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 224 page
background image
Figure 25. STM32U385xx power supply scheme (with SMPS)
VDDIO2
VDD
Kernel logic
(CPU, digital
and memories)
IO
logic
Backup circuitry
(LSE, RTC, TAMP,
backup registers)
IN
OUT
GPIOs
IN
OUT
GPIOs
n x 100 nF
+ 10 µF
m x100 nF
IO
logic
+ 4.7 µF
m x VDDIO2
m x VSS
n x VSS
n x VDD
VBAT
VCORE
Power switch
VDDIO2
VDDIO1
ADCs/
DACs/
OPAMPs/
COMPs/
VREFBUF
VREF+
VREF-
VDDA
100 nF
+ 1 µF
VDDA
VSSA
VREF
100 nF+ 1 µF
VSSSMPS
1-2 x VDD11
VLXSMPS
VDDSMPS
VDD
2.2 µH
4.7 μF, or
2 x 2.2 µF
10 µF
SMPS ON
SMPS OFF
LDO
SMPS
VDDUSB
3.3 V
100 nF
Voltage regulator
100 nF
1.65 – 3.6 V
Note:
SMPS and LDO regulators provide, in a concurrent way, the VCORE supply depending on application
requirements. However, only one of them is active at the same time. When SMPS is active, it feeds the VCORE
on the two VDD11 pins supplied by the filtered SMPS VLXSMPS output pin. A 2.2 μH coil and a 2.2 μF capacitor
on each VDD11 pin are then required. When LDO is active, it supplies the VCORE and regulates it using the
same decoupling capacitors on VDD11 pins.
Note:
It is recommended to add a decoupling capacitor of 100 nF near each VDD11 pin/ball, but it is not mandatory.
The external capacitors on VDD11 pins require the following characteristics:
•
COUT = 2 × 2.2 μF ±20%
•
COUT ESR < 20 mΩ at 3 MHz
•
COUT rated voltage ≥ 10 V
STM32U385xx
Electrical characteristics
DS14830 - Rev 2
page 89/224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com