Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U385VG Datasheet(PDF) 28 Page - STMicroelectronics

Part # STM32U385VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U385VG Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STM32U385VG Datasheet HTML 24Page - STMicroelectronics STM32U385VG Datasheet HTML 25Page - STMicroelectronics STM32U385VG Datasheet HTML 26Page - STMicroelectronics STM32U385VG Datasheet HTML 27Page - STMicroelectronics STM32U385VG Datasheet HTML 28Page - STMicroelectronics STM32U385VG Datasheet HTML 29Page - STMicroelectronics STM32U385VG Datasheet HTML 30Page - STMicroelectronics STM32U385VG Datasheet HTML 31Page - STMicroelectronics STM32U385VG Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 224 page
background image
3.11.1
RCC TrustZone®security
When the TrustZone® security is activated by the TZEN option bit and security is enabled in the RCC, the bits
controlling the peripheral clocks and resets become TrustZone®-aware:
•
If the peripheral is securable and programmed as secure in the TZSC, the peripheral clock and reset bits
become secure.
•
If the peripheral is TrustZone®-aware, the peripheral clock and reset bits become secure as soon as at
least one function is configured as secure inside the peripheral.
A peripheral is in secure state:
•
For securable peripherals by TZSC (TrustZone® security controller), the SEC security bit corresponding to
this peripheral is set in the GTZC TZSC secure configuration registers.
•
For TrustZone®-aware peripherals, a security feature of this peripheral is enabled through its dedicated
bits.
3.12
Clock recovery system (CRS)
The clock recovery system (CRS) is an advanced digital controller acting on the internal fine-granularity trimmable
RC oscillator HSI48. The CRS provides a powerful means for oscillator output frequency evaluation, based on
comparison with a selectable synchronization signal. It can do automatic adjustments of oscillator trimming based
on the measured frequency error value, while keeping the possibility of a manual trimming for faster start-up
convergence.
The CRS is ideally suited to provide a precise clock to the USB peripheral. In such case, the synchronization
signal can be derived from the start-of-frame (SOF) packet signalization on the USB bus. The synchronization
signal can also be derived from the LSE oscillator output, a GPIO alternate function (CRS_SYNC), or it can be
generated by user software.
3.13
General-purpose inputs/outputs (GPIO)
Each of the GPIO pins can be configured by software as output (push-pull or open-drain), as input (with or without
pull-up or pull-down) or as peripheral alternate function. Most of the GPIO pins are shared with digital or analog
alternate functions.
After reset, all GPIOs are in analog mode to reduce power consumption.
The I/Os alternate function configuration can be locked if needed following a specific sequence in order to avoid
spurious writing to the I/Os registers.
3.13.1
GPIOs TrustZone® security
Each I/O pin of GPIO port can be individually configured as secure. When the selected I/O pin is configured as
secure, its corresponding configuration bits for alternate function, mode selection, I/O data are secure against a
nonsecure access. The associated registers bit access is restricted to a secure software only. After reset, all
GPIO ports are secure.
3.14
Multi-AHB bus matrix
A 32-bit multi-AHB bus matrix interconnects all masters (CPU, GPDMA1, SDMMC1) and slave (flash memory,
RAM, OCTOSPI, SRAMs, AHB, and APB) peripherals. It also ensures a seamless and efficient operation even
when several high-speed peripherals work simultaneously.
STM32U385xx
Functional overview
DS14830 - Rev 2
page 28/224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com