Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U385VG Datasheet(PDF) 99 Page - STMicroelectronics

Part # STM32U385VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U385VG Datasheet(HTML) 99 Page - STMicroelectronics

Back Button STM32U385VG Datasheet HTML 95Page - STMicroelectronics STM32U385VG Datasheet HTML 96Page - STMicroelectronics STM32U385VG Datasheet HTML 97Page - STMicroelectronics STM32U385VG Datasheet HTML 98Page - STMicroelectronics STM32U385VG Datasheet HTML 99Page - STMicroelectronics STM32U385VG Datasheet HTML 100Page - STMicroelectronics STM32U385VG Datasheet HTML 101Page - STMicroelectronics STM32U385VG Datasheet HTML 102Page - STMicroelectronics STM32U385VG Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 224 page
background image
Table 33. Current consumption in Run mode on SMPS, Coremark code with data processing running from
flash memory, ICACHE ON in 1-way, prefetch ON VDD = 3 V
The current consumption from SRAM is similar.
Symbol
Paramet
er
Conditions
Typ at VDD = 3.0 V
Max at VDD = 3.0 V(1)
Unit
Voltage scaling
fHCLK
(MHz)
25°C
55°
C
85°
C
105°
C
30°
C
55°
C
85°
C
105°C
IDD(Run)
Supply
current in
Run
mode
fHCLK = fMSI, all
peripherals disable,
flash bank 2 in
power down, all
SRAMs enabled
Range
1
96
1.65
1.85
2.3
3
2.6
3.1
4.6
7
mA
Range
2
48
0.66
0.8
1.2
1.75
1.1
1.5
2.6
4.3
24
0.38
0.51 0.89 1.45
0.7
1.2
2.3
3.9
12
0.25
0.38 0.76
1.3
0.55 0.97
2.1
3.8
6
0.18
0.31 0.69 1.25 0.47
0.9
2.1
3.7
3
0.15
0.28 0.66
1.2
0.44 0.86
2
3.6
fHCLK = fHSI, all
peripherals disable,
flash bank 2 in
power down, all
SRAMs enabled
Range
2
16
0.45
0.59 0.97 1.55 0.78
1.2
2.4
4
fHCLK = fHSE bypass
mode, all
peripherals disable,
flash bank 2 in
power down, all
SRAMs enabled
Range
1
96
1.85
2.05
2.5
3.2
2.5
3.2
4.8
7.2
Range
2
48
0.75
0.91
1.3
1.85
1.2
1.6
2.7
4.4
32
0.54
0.71
1.1
1.65 0.87
1.4
2.5
4.1
24
0.43
0.6
0.97 1.55 0.75
1.3
2.4
4
12
0.27
0.45 0.82
1.4
0.57
1.1
2.2
3.9
6
0.19
0.37 0.75
1.3
0.48 0.96
2.1
3.8
3
0.15
0.33 0.71 1.25 0.45 0.91
2.1
3.7
1
0.12
0.3
0.68 1.25 0.41 0.89
2.1
3.7
0.4
0.12
0.3
0.67 1.25 0.41 0.88
2.1
3.7
0.1
0.11
0.29 0.67
1.2
0.4
0.87
2
3.6
1. Evaluated by characterization. Not tested in production.
Table 34. Typical current consumption in Run modes on LDO, with different codes running from flash memory, ICACHE
ON (1-way), prefetch ON
The current consumption from SRAM is similar.
Symbol
Parameter
Conditions
Typ
Unit
Typ
Unit
Voltage scaling
Code
1.8 V
3 V
3.3 V
1.8 V
3 V
3.3 V
IDD (Run)
Supply
current in
Run mode
fHCLK = fMSI = 48 MHz,
all peripherals disable,
flash memory bank 2 in
powered down, all
SRAMs enabled
Range 2
Reduced
code
2.15
2.15
2.15
mA
44.8
44.8
44.8
µA/
MHz
Coremark
2.05
2.05
2.05
42.7
42.7
42.7
SecureMark
2.25
2.25
2.25
46.9
46.9
46.9
Dhrystone
2.1
2.35
2.35
2.35
49
49
49
While(1)
1.5
1.5
1.5
31.3
31.3
31.3
Fibonacci
1.8
1.8
1.8
37.5
37.5
37.5
STM32U385xx
Electrical characteristics
DS14830 - Rev 2
page 99/224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com