Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U385VG Datasheet(PDF) 101 Page - STMicroelectronics

Part # STM32U385VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U385VG Datasheet(HTML) 101 Page - STMicroelectronics

Back Button STM32U385VG Datasheet HTML 97Page - STMicroelectronics STM32U385VG Datasheet HTML 98Page - STMicroelectronics STM32U385VG Datasheet HTML 99Page - STMicroelectronics STM32U385VG Datasheet HTML 100Page - STMicroelectronics STM32U385VG Datasheet HTML 101Page - STMicroelectronics STM32U385VG Datasheet HTML 102Page - STMicroelectronics STM32U385VG Datasheet HTML 103Page - STMicroelectronics STM32U385VG Datasheet HTML 104Page - STMicroelectronics STM32U385VG Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 224 page
background image
Symbol
Parameter
Conditions
Typ
Unit
Typ
Unit
Voltage scaling
Code
1.8 V
3 V
3.3 V
1.8 V
3 V
3.3 V
IDD (Run)
Supply
current in
Run mode
fHCLK = fMSI = 96 MHz,
all peripherals disable,
flash memory bank 2 in
powered down, all
SRAMs enabled
Range 1
Reduced
code
2.65
1.75
1.65
mA
27.6
18.2
17.2
µA/
MHz
Coremark
2.50
1.65
1.55
26.04
17.2
16.1
SecureMark
2.75
1.80
1.70
28.6
18.8
17.7
Dhrystone
2.1
2.85
1.85
1.75
29.7
19.3
18.2
While(1)
1.90
1.25
1.2
19.8
13
12.5
Fibonacci
2.20
1.45
1.35
22.9
15.1
14.1
fHCLK = fMSI = 24 MHz,e
POD booster disabled,
all peripherals disable,
flash memory bank 2 in
powered down, all
SRAMs enabled
Range 2
Reduced
code
0.59
0.40
0.38
mA
24.6
16.5
15.6
µA/
MHz
Coremark
0.57
0.38
0.36
23.5
15.8
14.8
SecureMark
0.61
0.41
0.39
25.4
17.1
16.04
Dhrystone
2.1
0.64
0.43
0.4
26.5
17.7
16.7
While(1)
0.43
0.29
0.28
17.7
12.1
11.5
Fibonacci
0.50
0.34
0.32
20.6
13.96 13.1
Table 37. Typical current consumption in Run modes on SMPS, with different codes running from flash memory in low-
power mode, ICACHE1 way, prefetch ON
The current consumption from SRAM is similar.
Symbol
Parameter
Conditions
Typ
Unit
Typ
Unit
Voltage scaling
Code
1.8 V 3 V 3.3 V
1.8 V 3 V 3.3 V
IDD (Run)
Supply
current in Run
mode
fHCLK = fMSI = 24 MHz, ePOD
booster disabled, all peripherals
disable,flash bank 2 in power
down, SRAM2 enabled, SRAM1 in
power down
Range
2
Reduced
Code
0.56 0.37 0.35
mA
23.3 15.4 14.4
µA/M
Hz
Coremark
0.54 0.35 0.33
22.3 14.6 13.8
SecureMark
0.58 0.38 0.36
24.2 15.8
15
Dhrystone
2.1
0.61 0.40 0.38
25.2 16.7 15.6
While(1)
0.40 0.26 0.25
16.7 10.8 10.2
Fibonacci
0.47 0.31 0.29
19.4 12.7 11.9
Table 38. Current consumption in Sleep mode on LDO, flash memory in power down
Symbol Parameter
Conditions
Typ
Max at 1.71 V ≤ VDD 3.6 V(1)
Unit
Voltage scaling
fHCLK
(MHz)
25°C
55°C
85°C
105°C
30°C
55°C
85°C
105°C
IDD
(Sleep)
Supply
current in
Sleep
mode
fHCLK = fMSI, all
peripherals disable, all
SRAMs enabled
Range 1
96
1.5
1.9
3.1
4.7
2.5
3.6
7.3
13.0
mA
Range 2
48
0.71
1.05
2
3.4
1.5
2.3
5.2
9.4
24
0.44
0.78
1.75
3.15
1.2
2.0
4.9
9.1
12
0.33
0.66
1.65
3
0.99
1.9
4.8
9.0
6
0.27
0.6
1.55
2.95
0.92
1.8
4.7
8.9
3
0.24
0.57
1.55
2.95
0.89
1.8
4.7
8.9
STM32U385xx
Electrical characteristics
DS14830 - Rev 2
page 101/224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com