Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U385VG Datasheet(PDF) 135 Page - STMicroelectronics

Part # STM32U385VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U385VG Datasheet(HTML) 135 Page - STMicroelectronics

Back Button STM32U385VG Datasheet HTML 131Page - STMicroelectronics STM32U385VG Datasheet HTML 132Page - STMicroelectronics STM32U385VG Datasheet HTML 133Page - STMicroelectronics STM32U385VG Datasheet HTML 134Page - STMicroelectronics STM32U385VG Datasheet HTML 135Page - STMicroelectronics STM32U385VG Datasheet HTML 136Page - STMicroelectronics STM32U385VG Datasheet HTML 137Page - STMicroelectronics STM32U385VG Datasheet HTML 138Page - STMicroelectronics STM32U385VG Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 224 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IDD(MSI OFF
PLLFAST)(3)
MSI PLL mode
oscillator power
consumption
when disabled
with PLL
accuracy
retention
SMPS
MSIPLLEN = 1 and
MSIPLLFAST = 1
MSI Range 0 to
3, CKIN =
32.768 kHz
µA
-
14
-
MSI Range 4 to 7
-
6.5
-
IDD(MSI)(3)
MSI oscillator
power
consumption
when ON in
continuous
mode (voltage
scaling Range
1 )
LDO
-
MSI Range 0 to 3
-
32 +
0.7 µA/MH
z
-
µA
MSI Range 4 to 7
-
24 +
0.5 µA/MH
z
-
SMPS
-
MSI Range 0 to 3
-
28 +
0.2 µA/MH
z
-
µA
MSI Range 4 to 7
-
23.3 +
0.15 µA/M
Hz -
-
MSI oscillator
power
consumption
when ON in
sampling mode
(voltage scaling
Range 2 and
Stop modes)
LDO
-
MSI Range 0 to 3
-
12 +
0.7 µA/MH
z
-
µA
MSI Range 4 to 7
-
4 +
0.5 µA/MH
z
-
SMPS
-
MSI Range 0 to 3
-
8 +
0.2 µA/MH
z
-
µA
MSI Range 4 to 7
-
3.3 +
0.15 µA/M
Hz
-
1. Tested in production
2. In PLL mode, the MSI accuracy is the LSE crystal accuracy.
3. Specified by design. Not tested in production.
4. This is a deviation for an individual part once the initial frequency has been measured.
5. The MSI startup time is the time when the four MSIRC are in power down.
6. This delay is the time to switch from one MSIRC to another one. In case the destination MSIRC is in power down, the total delay is tsu(MSI)
+ tswitch(MSI).
7. When the source and destination clocks are generated from the same MSIRCx (x=0, 1).
High-speed internal 48 MHz (HSI48) RC oscillator
Table 77. HSI48 oscillator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max Unit
fHSI48
HSI48 frequency after factory calibration
VDD = 3.0 V, TJ = 30 °C 47.5
48
48.5 MHz
TRIM(1)
User trimming step
-
-
0.12
0.18
%
USER
TRIM
COVERAGE(2)
User trimming coverage
±63 steps
±4.5 ±7.56
-
DuCy(HSI48)(1) Duty cycle
-
45
-
55
ACCHSI48_REL
(2)
Accuracy of the HSI48 oscillator over temperature (factory calibrated)(3)
Reference is 3 V and 30 °C.
1.58 V ≤ VDD ≤ 3.6 V,
TJ = –40 to 110 °C
-3
-
2
STM32U385xx
Electrical characteristics
DS14830 - Rev 2
page 135/224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com