Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U385VG Datasheet(PDF) 178 Page - STMicroelectronics

Part # STM32U385VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U385VG Datasheet(HTML) 178 Page - STMicroelectronics

Back Button STM32U385VG Datasheet HTML 174Page - STMicroelectronics STM32U385VG Datasheet HTML 175Page - STMicroelectronics STM32U385VG Datasheet HTML 176Page - STMicroelectronics STM32U385VG Datasheet HTML 177Page - STMicroelectronics STM32U385VG Datasheet HTML 178Page - STMicroelectronics STM32U385VG Datasheet HTML 179Page - STMicroelectronics STM32U385VG Datasheet HTML 180Page - STMicroelectronics STM32U385VG Datasheet HTML 181Page - STMicroelectronics STM32U385VG Datasheet HTML 182Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 224 page
background image
Figure 62. SPI timing diagram - master mode
th(MI)
tc(SCK)
tw(SCKH)
tw(SCKL)
tsu(MI)
NSS input
CPHA=0
CPOL=0
CPHA=0
CPOL=1
MOSI output
MISO input
First bit OUT
Last bit OUT
Next bits OUT
First bit IN
Last bit IN
Next bits IN
CPHA=1
CPOL=0
CPHA=1
CPOL=1
High
tv(MO)
th(MO)
Note:
Measurement points are done at 0.3 VDD and 0.7 VDD levels.
5.3.35
SAI characteristics
Unless otherwise specified, the parameters given in Table 122 are derived from tests performed under the
ambient temperature, fPCLKx frequency and VDD supply voltage conditions summarized inTable 27, with the
following configuration:
•
Output speed set to OSPEEDRy[1:0] = 10
•
Capacitive load CL = 30 pF
•
Measurement points done at 0.5 × VDD level
•
I/O compensation cell activated
•
HSLV activated when VDD ≤ 2.7 V
•
Voltage scaling range 1
Refer to Table 86. I/O static characteristics for more details on the input/output alternate function characteristics
(SCK, SD, FS).
Table 122. SAI characteristics
Evaluated by characterization. Not tested in production.
Symbol
Parameter
Conditions
Min
Max
Unit
fMCK
SAI main clock output
-
-
50
MHz
fSCK
SAI clock frequency(1)
Master transmitter, 2.7 V ≤ VDDIOX ≤ 3.6 V
-
28.5
Master transmitter, 1.71 V ≤ VDDIOX ≤ 3.6 V
-
28.5/19.5(2)(3)
Master receiver, 1.71 V ≤ VDDIOX ≤ 3.6 V
-
31/21.5(3)
Slave transmitter, 2.7 V ≤ VDDIOX ≤ 3.6 V
-
30
Slave transmitter, 1.71 V ≤ VDDIOX ≤ 3.6 V
-
30/20.5(2)
Slave receiver, 1.71 V ≤ VDDIOX ≤ 3.6 V
-
50
STM32U385xx
Electrical characteristics
DS14830 - Rev 2
page 178/224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com