Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U385VG Datasheet(PDF) 210 Page - STMicroelectronics

Part # STM32U385VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U385VG Datasheet(HTML) 210 Page - STMicroelectronics

Back Button STM32U385VG Datasheet HTML 206Page - STMicroelectronics STM32U385VG Datasheet HTML 207Page - STMicroelectronics STM32U385VG Datasheet HTML 208Page - STMicroelectronics STM32U385VG Datasheet HTML 209Page - STMicroelectronics STM32U385VG Datasheet HTML 210Page - STMicroelectronics STM32U385VG Datasheet HTML 211Page - STMicroelectronics STM32U385VG Datasheet HTML 212Page - STMicroelectronics STM32U385VG Datasheet HTML 213Page - STMicroelectronics STM32U385VG Datasheet HTML 214Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 224 page
background image
Table 139. Package thermal characteristics
Symbol
Parameter
Package
Value
Unit
ΘJA
Thermal resistance junction-ambient
UFQFPN32 5 × 5 mm
36
°C/W
LQFP48 7 × 7 mm
49.4
UFQFPN48 7 × 7 mm
29.0
WLCSP52
-
LQFP64 10 × 10 mm
42.6
UFBGA64 7 × 7 mm
-
WLCSP68
-
LQFP100 - 14 × 14 mm
36.7
UFBGA100 7 × 7 mm
-
ΘJB
Thermal resistance junction-board
UFQFPN32 5 × 5 mm
17.7
LQFP48 7 × 7 mm
26.8
UFQFPN48 7 × 7 mm
13.4
WLCSP52
-
LQFP64 10 × 10 mm
25.0
UFBGA64 7 × 7 mm
-
WLCSP68
-
LQFP100 - 14 × 14 mm
22.6
UFBGA100 7 × 7 mm
-
ΘJC
Thermal resistance junction-top case
UFQFPN32 5 × 5 mm
13.9
LQFP48 7 × 7 mm
13.0
UFQFPN48 7 × 7 mm
9.7
WLCSP52
-
LQFP64 10 × 10 mm
10.9
UFBGA64 7 × 7 mm
-
WLCSP68
-
LQFP100 - 14 × 14 mm
9.0
UFBGA100 7 × 7 mm
-
STM32U385xx
Package information
DS14830 - Rev 2
page 210/224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com