Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U385VG Datasheet(PDF) 217 Page - STMicroelectronics

Part # STM32U385VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U385VG Datasheet(HTML) 217 Page - STMicroelectronics

Back Button STM32U385VG Datasheet HTML 213Page - STMicroelectronics STM32U385VG Datasheet HTML 214Page - STMicroelectronics STM32U385VG Datasheet HTML 215Page - STMicroelectronics STM32U385VG Datasheet HTML 216Page - STMicroelectronics STM32U385VG Datasheet HTML 217Page - STMicroelectronics STM32U385VG Datasheet HTML 218Page - STMicroelectronics STM32U385VG Datasheet HTML 219Page - STMicroelectronics STM32U385VG Datasheet HTML 220Page - STMicroelectronics STM32U385VG Datasheet HTML 221Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 224 page
background image
5.3.16
Extended interrupt and event controller input (EXTI) characteristics ................ 148
5.3.17
Analog switches booster ................................................. 148
5.3.18
12-bit analog-to-digital converter ADC characteristics ........................... 148
5.3.19
Temperature sensor characteristics......................................... 153
5.3.20
VCORE monitoring characteristics .......................................... 153
5.3.21
VBAT monitoring characteristics ............................................ 153
5.3.22
Digital-to-analog converter characteristics.................................... 154
5.3.23
Voltage reference buffer characteristics ..................................... 157
5.3.24
Comparator characteristics ............................................... 159
5.3.25
Operational amplifiers characteristics ....................................... 160
5.3.26
ADF characteristics ..................................................... 163
5.3.27
Timer characteristics .................................................... 164
5.3.28
OCTOSPI characteristics ................................................ 165
5.3.29
SD/SDIO/e.MMC card host interfaces (SDMMC) characteristics................... 170
5.3.30
Delay block characteristics ............................................... 172
5.3.31
I2C interface characteristics .............................................. 172
5.3.32
I3C interface characteristics .............................................. 172
5.3.33
USART characteristics .................................................. 173
5.3.34
SPI characteristics ..................................................... 175
5.3.35
SAI characteristics ..................................................... 178
5.3.36
USB_FS characteristics ................................................. 180
5.3.37
JTAG/SWD interface characteristics ........................................ 180
6
Package information............................................................ 183
6.1
Device marking ..............................................................183
6.2
UFQFPN32 package information (A0B8) .........................................184
6.3
LQFP48 package information (5B) ..............................................187
6.4
UFQFPN48 package information (A0B9) .........................................190
6.5
WLCSP52 package information (B0JQ) ..........................................192
6.5.1
Device marking for WLCSP52............................................. 193
6.6
LQFP64 package information (5W)..............................................195
6.7
UFBGA64 package information (A019) ..........................................198
6.8
WLCSP68 package information (B0JP) ..........................................201
6.8.1
Device marking for WLCSP68............................................. 202
6.9
LQFP100 package information (1L) .............................................204
6.10
UFBGA100 package information (A0C2) .........................................207
6.11
Package thermal characteristics ................................................209
7
Ordering information ........................................................... 211
STM32U385xx
Contents
DS14830 - Rev 2
page 217/224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com