Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3290 Datasheet(PDF) 13 Page - SMSC Corporation

Part # USB3290
Description  Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3290 Datasheet(HTML) 13 Page - SMSC Corporation

Back Button USB3290 Datasheet HTML 9Page - SMSC Corporation USB3290 Datasheet HTML 10Page - SMSC Corporation USB3290 Datasheet HTML 11Page - SMSC Corporation USB3290 Datasheet HTML 12Page - SMSC Corporation USB3290 Datasheet HTML 13Page - SMSC Corporation USB3290 Datasheet HTML 14Page - SMSC Corporation USB3290 Datasheet HTML 15Page - SMSC Corporation USB3290 Datasheet HTML 16Page - SMSC Corporation USB3290 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
Datasheet
SMSC USB3290
13
Revision 1.5 (11-02-07)
DATASHEET
Chapter 6 Electrical Characteristics
Note 6.1
VDD3.3 = 3.0 to 3.6V; VSS = 0V; TA = -40
oC to 85oC; unless otherwise specified.
Note 6.2
VDD3.3 = 3.0 to 3.6V; VSS = 0V; TA = -40
oC to 85oC; unless otherwise specified.
Table 6.1 Electrical Characteristics: Supply Pins (
Note 6.1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Unconfigured Current
IAVG(UCFG)
Device Unconfigured
55
mA
FS Idle Current
IAVG(FS)
FS idle not data transfer
55
mA
FS Transmit Current
IAVG(FSTX)
FS current during data
transmit
60.5
mA
FS Receive Current
IAVG(FSRX)
FS current during data
receive
57.5
mA
HS Idle Current
IAVG(HS)
HS idle not data transfer
60.6
mA
HS Transmit Current
IAVG(HSTX)
HS current during data
transmit
62.4
mA
HS Receive Current
IAVG(HSRX)
HS current during data
receive
61.5
mA
Low Power Mode
IDD(LPM)
VBUS 15k
Ω pull-down and
1.5k
Ω pull-up resistor
currents not included.
83
uA
Table 6.2 DC Electrical Characteristics: Logic Pins (
Note 6.2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Low-Level Input Voltage
VIL
VSS
0.8
V
High-Level Input Voltage
VIH
2.0
VDD3.3
V
Low-Level Output Voltage
VOL
IOL = 8mA
0.4
V
High-Level Output Voltage
VOH
IOH = -8mA
VDD3.3
- 0.5
V
Input Leakage Current
ILI
± 1
uA
Pin Capacitance
Cpin
4
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com