Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3290 Datasheet(PDF) 33 Page - SMSC Corporation

Part # USB3290
Description  Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3290 Datasheet(HTML) 33 Page - SMSC Corporation

Back Button USB3290 Datasheet HTML 29Page - SMSC Corporation USB3290 Datasheet HTML 30Page - SMSC Corporation USB3290 Datasheet HTML 31Page - SMSC Corporation USB3290 Datasheet HTML 32Page - SMSC Corporation USB3290 Datasheet HTML 33Page - SMSC Corporation USB3290 Datasheet HTML 34Page - SMSC Corporation USB3290 Datasheet HTML 35Page - SMSC Corporation USB3290 Datasheet HTML 36Page - SMSC Corporation USB3290 Datasheet HTML 37Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
Datasheet
SMSC USB3290
33
Revision 1.5 (11-02-07)
DATASHEET
Notes:
T0 may occur to 4ms after HS Reset T0.
The SIE must assert the Chirp K for 66000 CLKOUT cycles to ensure a 1ms minimum duration.
Figure 8.3 HS Detection Handshake Timing Behavior (FS Mode)
Table 8.6 HS Detection Handshake Timing Values (FS Mode)
TIMING
PARAMETER
DESCRIPTION
VALUE
T0
HS Handshake begins. DP pull-up enabled, HS
terminations disabled.
0 (reference)
T1
Device enables HS Transceiver and asserts Chirp
K on the bus.
T0 < T1 < HS Reset T0 + 6.0ms
T2
Device removes Chirp K from the bus. 1ms
minimum width.
T1 + 1.0 ms < T2 <
HS Reset T0 + 7.0ms
T3
Earliest time when downstream facing port may
assert Chirp KJ sequence on the bus.
T2 < T3 < T2+100µs
T4
Chirp not detected by the device. Device reverts to
FS default state and waits for end of reset.
T2 + 1.0ms < T4 <
T2 + 2.5ms
T5
Earliest time at which host port may end reset
HS Reset T0 + 10ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com