Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3290 Datasheet(PDF) 1 Page - SMSC Corporation

Part # USB3290
Description  Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3290 Datasheet(HTML) 1 Page - SMSC Corporation

  USB3290 Datasheet HTML 1Page - SMSC Corporation USB3290 Datasheet HTML 2Page - SMSC Corporation USB3290 Datasheet HTML 3Page - SMSC Corporation USB3290 Datasheet HTML 4Page - SMSC Corporation USB3290 Datasheet HTML 5Page - SMSC Corporation USB3290 Datasheet HTML 6Page - SMSC Corporation USB3290 Datasheet HTML 7Page - SMSC Corporation USB3290 Datasheet HTML 8Page - SMSC Corporation USB3290 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
SMSC USB3290
DATASHEET
Revision 1.5 (11-02-07)
Datasheet
PRODUCT FEATURES
USB3290
Small Footprint Hi-Speed
USB 2.0 Device PHY with
UTMI Interface
Available in a 40 ball lead-free RoHS compliant
(4 x 4 x 0.9mm) VFBGA package
Interface compliant with the UTMI specification
(60MHz, 8-bit bidirectional interface)
Only one required power supply (+3.3V)
Supports 480Mbps Hi-Speed (HS) and 12Mbps Full
Speed (FS) serial data transmission rates
Integrated 45
Ω and 1.5kΩ termination resistors
reduce external component count
Internal short circuit protection of DP and DM lines
On-chip oscillator operates with low cost 24MHz
crystal
Latch-up performance exceeds 150mA per EIA/JESD
78, Class II
ESD protection levels of 5kV HBM without external
protection devices
SYNC and EOP generation on transmit packets and
detection on receive packets
NRZI encoding and decoding
Bit stuffing and unstuffing with error detection
Supports the USB suspend state, HS detection, HS
Chirp, Reset and Resume
Support for all test modes defined in the USB 2.0
specification
55mA Unconfigured Current (typical) - ideal for bus
powered applications.
83uA suspend current (typical) - ideal for battery
powered applications.
Industrial Operating Temperature -40oC to +85oC
Applications
The USB3290 is the ideal companion to any ASIC, SoC
or FPGA solution designed with a UTMI Hi-Speed USB
device (peripheral) core.
The USB3290 is well suited for:
Cell Phones
MP3 Players
Scanners
External Hard Drives
Digital Still and Video Cameras
Portable Media Players
Entertainment Devices
Printers


Similar Part No. - USB3290

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB3290 SMSC-USB3290 Datasheet
824Kb / 43P
Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
USB3290-FH SMSC-USB3290-FH Datasheet
824Kb / 43P
Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
More results

Similar Description - USB3290

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB3300 SMSC-USB3300 Datasheet
344Kb / 11P
HI SPEED USB HOST OR DEVICE PHY WITH ULPI LOW PIN INTERFACE
USB3450 SMSC-USB3450 Datasheet
1Mb / 40P
HI-SPEED USB HOST OR DEVICE PHY WITH UTMIINTERFACE
USB3280 SMSC-USB3280 Datasheet
977Kb / 42P
Hi-Speed USB Device PHY with UTMI Interface
USB3290 SMSC-USB3290 Datasheet
824Kb / 43P
Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
USB3300 SMSC-USB3300_06 Datasheet
719Kb / 49P
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
USB3500 SMSC-USB3500 Datasheet
749Kb / 46P
Hi-Speed USB Host, Device or OTG PHY With UTMI Interface
logo
Microchip Technology
USB3300-EZK MICROCHIP-USB3300-EZK Datasheet
676Kb / 59P
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Revision 1.1 01-24-13
USB3450 MICROCHIP-USB3450 Datasheet
740Kb / 39P
Hi-Speed USB Host or Device PHY With UTMI Interface
07/14/15
USB3250 MICROCHIP-USB3250 Datasheet
753Kb / 46P
Hi-Speed USB Device Transceiver with UTMI Interface
07/14/15
USB3280 MICROCHIP-USB3280 Datasheet
739Kb / 44P
Hi-Speed USB Device PHY with UTMI Interface
01/27/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com