Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3290 Datasheet(PDF) 28 Page - SMSC Corporation

Part # USB3290
Description  Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3290 Datasheet(HTML) 28 Page - SMSC Corporation

Back Button USB3290 Datasheet HTML 24Page - SMSC Corporation USB3290 Datasheet HTML 25Page - SMSC Corporation USB3290 Datasheet HTML 26Page - SMSC Corporation USB3290 Datasheet HTML 27Page - SMSC Corporation USB3290 Datasheet HTML 28Page - SMSC Corporation USB3290 Datasheet HTML 29Page - SMSC Corporation USB3290 Datasheet HTML 30Page - SMSC Corporation USB3290 Datasheet HTML 31Page - SMSC Corporation USB3290 Datasheet HTML 32Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
Datasheet
Revision 1.5 (11-02-07)
28
SMSC USB3290
DATASHEET
Chapter 8 Application Notes
The following sections consist of select functional explanations to aid in implementing the USB3290
into a system. For complete description and specifications consult the USB 2.0 Transceiver Macrocell
Interface Specification
and Universal Serial Bus Specification Revision 2.0.
8.1
Linestate
The voltage thresholds that the LINESTATE[1:0] signals use to reflect the state of DP and DM depend
on the state of XCVRSELECT. LINESTATE[1:0] uses HS thresholds when the HS transceiver is
enabled (XCVRSELECT = 0) and FS thresholds when the FS transceiver is enabled (XCVRSELECT
= 1). There is not a concept of variable single-ended thresholds in the USB 2.0 specification for HS
mode.
The HS receiver is used to detect Chirp J or K, where the output of the HS receiver is always qualified
with the Squelch signal. If squelched, the output of the HS receiver is ignored. In the USB3290, as
an alternative to using variable thresholds for the single-ended receivers, the following approach is
used.
In HS mode, 3ms of no USB activity (IDLE state) signals a reset. The SIE monitors LINESTATE[1:0]
for the IDLE state. To minimize transitions on LINESTATE[1:0] while in HS mode, the presence of
!Squelch is used to force LINESTATE[1:0] to a J state.
Table 8.1 Linestate States
STATE OF DP/DM LINES
LINESTATE[1:0]
FULL SPEED
XCVRSELECT =1
TERMSELECT=1
HIGH SPEED
XCVRSELECT =0
TERMSELECT=0
CHIRP MODE
XCVRSELECT =0
TERMSELECT=1
LS[1]
LS[0]
0
0
SE0
Squelch
Squelch
0
1
J
!Squelch
!Squelch &
HS Differential Receiver
Output
1
0
K
Invalid
!Squelch &
!HS Differential Receiver
Output
1
1
SE1
Invalid
Invalid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com