Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3290 Datasheet(PDF) 22 Page - SMSC Corporation

Part # USB3290
Description  Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3290 Datasheet(HTML) 22 Page - SMSC Corporation

Back Button USB3290 Datasheet HTML 18Page - SMSC Corporation USB3290 Datasheet HTML 19Page - SMSC Corporation USB3290 Datasheet HTML 20Page - SMSC Corporation USB3290 Datasheet HTML 21Page - SMSC Corporation USB3290 Datasheet HTML 22Page - SMSC Corporation USB3290 Datasheet HTML 23Page - SMSC Corporation USB3290 Datasheet HTML 24Page - SMSC Corporation USB3290 Datasheet HTML 25Page - SMSC Corporation USB3290 Datasheet HTML 26Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
Datasheet
Revision 1.5 (11-02-07)
22
SMSC USB3290
DATASHEET
Figure 7.2 shows the relationship between CLKOUT and the receive data control signals in FS mode.
RXACTIVE "frames" a packet, transitioning only at the beginning and end of a packet. However
transitions of RXVALID may take place any time 8 bits of data are available. Figure 7.1 also shows
how RXVALID is only asserted for one CLKOUT cycle per byte time even though the data may be
presented for the full byte time. The XCVRSELECT signal determines whether the HS or FS timing
relationship is applied to the data and control signals.
7.3
Clock and Data Recovery Circuit
This block consists of the Clock and Data Recovery Circuit and the Elasticity Buffer. The Elasticity
Buffer is used to compensate for differences between the transmitting and receiving clock domains.
The USB 2.0 specification defines a maximum clock error of ±1000ppm of drift.
7.4
TX Logic
This block receives parallel data bytes placed on the DATA bus and performs the necessary transmit
operations. These operations include parallel to serial conversion, bit stuffing and NRZI encoding.
Upon valid assertion of the proper TX control lines by the SIE and TX State Machine, the TX LOGIC
block will synchronously shift, at either the FS or HS rate, the data to the FS/HS TX block to be
transmitted on the USB cable. Data transmit timing is shown in Figure 7.3.
Figure 7.2 FS CLK Relationship to Receive Data and Control Signals
Figure 7.3 Transmit Timing for a Data Packet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com