Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3290 Datasheet(PDF) 6 Page - SMSC Corporation

Part # USB3290
Description  Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3290 Datasheet(HTML) 6 Page - SMSC Corporation

Back Button USB3290 Datasheet HTML 2Page - SMSC Corporation USB3290 Datasheet HTML 3Page - SMSC Corporation USB3290 Datasheet HTML 4Page - SMSC Corporation USB3290 Datasheet HTML 5Page - SMSC Corporation USB3290 Datasheet HTML 6Page - SMSC Corporation USB3290 Datasheet HTML 7Page - SMSC Corporation USB3290 Datasheet HTML 8Page - SMSC Corporation USB3290 Datasheet HTML 9Page - SMSC Corporation USB3290 Datasheet HTML 10Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
Datasheet
Revision 1.5 (11-02-07)
6
SMSC USB3290
DATASHEET
Chapter 1 General Description
The USB3290 provides the Physical Layer (PHY) interface to a USB 2.0 Device Controller. The IC is
available in a 40 ball lead-free RoHS compliant VFBGA package. The small footprint package makes
the USB3290 ideal for portable consumer electronics applications.
1.1
Product Description
The USB3290 is an industrial temperature USB 2.0 physical layer transceiver (PHY) integrated circuit.
SMSC’s proprietary technology results in low power dissipation, which is ideal for building a bus
powered USB 2.0 peripheral. The PHY uses an 8-bit bidirectional parallel interface, which complies
with the USB Transceiver Macrocell Interface (UTMI) specification. It supports 480Mbps transfer rate,
while remaining backward compatible with USB 1.1 legacy protocol at 12Mbps.
All required termination and 5.25V short circuit protection of the DP/DM lines are internal to the chip.
The USB3290 also has an integrated 1.8V regulator so that only a 3.3V supply is required.
While transmitting data, the PHY serializes data and generates SYNC and EOP fields. It also performs
needed bit stuffing and NRZI encoding. Likewise, while receiving data, the PHY de-serializes incoming
data, stripping SYNC and EOP fields and performs bit un-stuffing and NRZI decoding.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com