Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3290 Datasheet(PDF) 32 Page - SMSC Corporation

Part # USB3290
Description  Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3290 Datasheet(HTML) 32 Page - SMSC Corporation

Back Button USB3290 Datasheet HTML 28Page - SMSC Corporation USB3290 Datasheet HTML 29Page - SMSC Corporation USB3290 Datasheet HTML 30Page - SMSC Corporation USB3290 Datasheet HTML 31Page - SMSC Corporation USB3290 Datasheet HTML 32Page - SMSC Corporation USB3290 Datasheet HTML 33Page - SMSC Corporation USB3290 Datasheet HTML 34Page - SMSC Corporation USB3290 Datasheet HTML 35Page - SMSC Corporation USB3290 Datasheet HTML 36Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
Datasheet
Revision 1.5 (11-02-07)
32
SMSC USB3290
DATASHEET
8.7
HS Detection Handshake
The High Speed Detection Handshake process is entered from one of three states: suspend, active
FS or active HS. The downstream facing port asserting an SE0 state on the bus initiates the HS
Detection Handshake. Depending on the initial state, an SE0 condition can be asserted from 0 to 4
ms before initiating the HS Detection Handshake. These states are described in the USB 2.0
specification.
There are three ways in which a device may enter the HS Handshake Detection process:
1. If the device is suspended and it detects an SE0 state on the bus it may immediately enter the HS
handshake detection process.
2. If the device is in FS mode and an SE0 state is detected for more than 2.5µs. it may enter the HS
handshake detection process.
3. If the device is in HS mode and an SE0 state is detected for more than 3.0ms. it may enter the
HS handshake detection process. In HS mode, a device must first determine whether the SE0 state
is signaling a suspend or a reset condition. To do this the device reverts to FS mode by placing
XCVRSELECT and TERMSELECT into FS mode. The device must not wait more than 3.125ms
before the reversion to FS mode. After reverting to FS mode, no less than 100µs and no more
than 875µs later the SIE must check the LINESTATE signals. If a J state is detected the device
will enter a suspend state. If an SE0 state is detected, then the device will enter the HS Handshake
detection process.
In each case, the assertion of the SE0 state on the bus initiates the reset. The minimum reset interval
is 10ms. Depending on the previous mode that the bus was in, the delay between the initial assertion
of the SE0 state and entering the HS Handshake detection can be from 0 to 4ms.
This transceiver design pushes as much of the responsibility for timing events on to the SIE as
possible, and the SIE requires a stable CLKOUT signal to perform accurate timing. In case 2 and 3
above, CLKOUT has been running and is stable, however in case 1 the USB3290 is reset from a
suspend state, and the internal oscillator and clocks of the transceiver are assumed to be powered
down. A device has up to 6ms after the release of SUSPENDN to assert a minimum of a 1ms Chirp K.
8.8
HS Detection Handshake – FS Downstream Facing Port
Upon entering the HS Detection process (T0) XCVRSELECT and TERMSELECT are in FS mode. The
DP pull-up is asserted and the HS terminations are disabled. The SIE then sets OPMODE to Disable
Bit Stuffing and NRZI encoding
, XCVRSELECT to HS mode, and begins the transmission of all 0's
data, which asserts a HS K (chirp) on the bus (T1). The device chirp must last at least 1.0ms, and
must end no later than 7.0ms after HS Reset T0. At time T1 the device begins listening for a chirp
sequence from the host port.
If the downstream facing port is not HS capable, then the HS K asserted by the device is ignored and
the alternating sequence of HS Chirp K’s and J’s is not generated. If no chirps are detected (T4) by
the device, it will enter FS mode by returning XCVRSELECT to FS mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com