Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP151WAUJZ-1.8-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP151WAUJZ-1.8-R7
Description  Ultralow Noise, 200 mA, CMOS Linear Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP151WAUJZ-1.8-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP151WAUJZ-1.8-R7 Datasheet HTML 15Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 16Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 17Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 18Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 19Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 20Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 21Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 22Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
Data Sheet
ADP151
OUTLINE DIMENSIONS
©2010-2022 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. J | 23 of 23
Table 8. Ordering Guide
Model1, 2
Temperature Range
Package Description
Packing Quantity
Package Option3
Marking Code
ADP151WAUJZ-3.3-R7
-40°C to +125°C
5-Lead TSOT
Reel, 3000
UJ-5
LWN
1 Z = RoHS Compliant Part.
2 W = Qualified for Automotive Applications.
3 The ADP151ACBZ package option is halide free.
OUTPUT VOLTAGE OPTIONS
Table 9. Output Voltage Options
Model1, 2
Output Voltage (V)3
ADP151ACBZ-1.1-R7, ADP151WACBZ-1.1-R7
1.1
ADP151ACBZ-1.2-R7, ADP151ACPZ-1.2-R7, ADP151AUJZ-1.2-R7, ADP151WACBZ-1.2-R7, ADP151WAUJZ-1.2-R7
1.2
ADP151ACBZ-1.5-R7, ADP151ACPZ-1.5-R7, ADP151AUJZ-1.5-R7, ADP151WACBZ-1.5-R7
1.5
ADP151ACBZ-1.8-R7, ADP151ACPZ-1.8-R7, ADP151AUJZ-1.8-R7, ADP151WACBZ-1.8-R7, ADP151WAUJZ-1.8-R7
1.8
ADP151ACBZ-2.1-R7, ADP151WACBZ-2.1-R7
2.1
ADP151ACBZ-2.5-R7, ADP151ACPZ-2.5-R7, ADP151AUJZ-2.5-R7, ADP151WACBZ-2.5-R7, ADP151WAUJZ-2.5-R7
2.5
ADP151ACBZ-2.6-R7, ADP151WACBZ-2.6-R7
2.6
ADP151ACPZ-2.7-R7
2.7
ADP151ACBZ-2.75-R7, ADP151WACBZ-2.75-R7
2.75
ADP151ACBZ-2.85-R7, ADP151WACBZ-2.85-R7
2.85
ADP151ACBZ-2.8-R7, ADP151ACPZ-2.8-R7, ADP151AUJZ-2.8-R7, ADP151WACBZ-2.8-R7
2.8
ADP151AUJZ-2.9-R7, ADP151WAUJZ-2.9-R7
2.9
ADP151ACBZ-3.0-R7, ADP151ACPZ-3.0-R7, ADP151AUJZ-3.0-R7, ADP151WACBZ-3.0-R7, ADP151WAUJZ-3.0-R7
3.0
ADP151ACBZ-3.3-R7, ADP151ACPZ-3.3-R7, ADP151AUJZ-3.3-R7, ADP151WACBZ-3.3-R7, ADP151WAUJZ-3.3-R7
3.3
1 Z = RoHS Compliant Part.
2 W = Qualified for Automotive Applications.
3 For additional voltage options for the ADP151ACBZ package option, contact a local Analog Devices, Inc., sales or distribution representative.
EVALUATION BOARDS
Table 10. Evaluation Boards
Model1
Description
ADP151UJZ-REDYKIT
TSOT Evaluation Board Kit
ADP151CPZ-REDYKIT
LFCSP Evaluation Board Kit
ADP151CB-3.3-EVALZ
Evaluation Board
1 Z = RoHS Compliant Part.
AUTOMOTIVE PRODUCTS
The ADP151W models are available with controlled manufacturing to support the quality and reliability requirements of automotive applications.
Note that these automotive models may have specifications that differ from the commercial models; therefore, designers should review the
Specifications section of this data sheet carefully. Only the automotive grade products shown are available for use in automotive applications.
Contact your local Analog Devices account representative for specific product ordering information and to obtain the specific Automotive
Reliability reports for these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com