Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP151WAUJZ-1.8-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP151WAUJZ-1.8-R7
Description  Ultralow Noise, 200 mA, CMOS Linear Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP151WAUJZ-1.8-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP151WAUJZ-1.8-R7 Datasheet HTML 7Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 8Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 9Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 10Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 11Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 12Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 13Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 14Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Data Sheet
ADP151
THEORY OF OPERATION
analog.com
Rev. J | 11 of 23
The ADP151 is an ultralow noise, low quiescent current, LDO linear
regulator that operates from 2.2 V to 5.5 V and can provide up to
200 mA of output current. Drawing a low 265 μA of operating supply
current (typical) at full load makes the ADP151 ideal for battery
operated, portable equipment. Shutdown current consumption is
typically 0.2 µA.
Using a proprietary architecture, the ADP151 provides superior
noise performance for noise sensitive analog and RF applications
without the need for a noise bypass capacitor. The ADP151 is also
optimized for use with small 1 µF ceramic capacitors.
Figure 27. Internal Block Diagram
Internally, the ADP151 consists of a reference, an error amplifier,
a feedback voltage divider, and a PMOS pass transistor. Output
current is delivered via the PMOS pass device, which is controlled
by the error amplifier. The error amplifier compares the reference
voltage with the feedback voltage from the output and amplifies
the difference. If the feedback voltage is lower than the reference
voltage, the gate of the PMOS device pulls lower, allowing more
current to pass and increasing the output voltage. If the feedback
voltage is higher than the reference voltage, the gate of the PMOS
device pulls higher, allowing less current to pass and decreasing
the output voltage.
An internal pull-down resistor on the EN input holds the input low
when the pin is left open.
The ADP151 is available in 16 output voltage options, ranging from
1.1 V to 3.3 V. The ADP151 uses the EN pin to enable and disable
the VOUT pin under normal operating conditions. When EN is high,
VOUT turns on, and when EN is low, VOUT turns off. For automatic
startup, tie EN to VIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com