Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP151WAUJZ-1.8-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP151WAUJZ-1.8-R7
Description  Ultralow Noise, 200 mA, CMOS Linear Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP151WAUJZ-1.8-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP151WAUJZ-1.8-R7 Datasheet HTML 14Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 15Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 16Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 17Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 18Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 19Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 20Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 21Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Data Sheet
ADP151
APPLICATIONS INFORMATION
analog.com
Rev. J | 18 of 23
Figure 51. LFCSP 500 mm2 of PCB Copper, TA = 25°C
Figure 52. LFCSP 100 mm2 of PCB Copper, TA = 25°C
Figure 53. LFCSP 50 mm2 of PCB Copper, TA = 25°C
Figure 54. LFCSP 500 mm2 of PCB Copper, TA = 50°C
Figure 55. LFCSP 100 mm2 of PCB Copper, TA = 50°C
Figure 56. LFCSP 50 mm2 of PCB Copper, TA = 50°C
In the case where the board temperature is known, use the thermal
characterization parameter (ΨJB) to estimate the junction tempera-
ture rise (see Figure 57 and Figure 58). Maximum TJ is calculated
from the TB and PD using the following formula:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com