Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP151WAUJZ-1.8-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP151WAUJZ-1.8-R7
Description  Ultralow Noise, 200 mA, CMOS Linear Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP151WAUJZ-1.8-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP151WAUJZ-1.8-R7 Datasheet HTML 8Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 9Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 10Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 11Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 12Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 13Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 14Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 15Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Data Sheet
ADP151
APPLICATIONS INFORMATION
analog.com
Rev. J | 12 of 23
CAPACITOR SELECTION
Output Capacitor
The ADP151 is designed for operation with small, space-saving
ceramic capacitors but can function with most commonly used
capacitors as long as care is taken with regard to the effective
series resistance (ESR) value. The ESR of the output capacitor
affects the stability of the LDO control loop. A minimum of 1 µF
capacitance with an ESR of 1 Ω or less is recommended to ensure
the stability of the ADP151. Transient response to changes in
load current is also affected by output capacitance. Using a larger
value of output capacitance improves the transient response of the
ADP151 to large changes in load current. Figure 28 shows the
transient responses for an output capacitance value of 1 µF.
Figure 28. Output Transient Response, COUT = 1 µF
Input Bypass Capacitor
Connecting a 1 µF capacitor from VIN to GND reduces the circuit
sensitivity to the PCB layout, especially when long input traces
or high source impedance are encountered. If greater than 1 µF
of output capacitance is required, the input capacitor must be
increased to match it.
Input and Output Capacitor Properties
Any good quality ceramic capacitor can be used with the ADP151
as long as the capacitor meets the minimum capacitance and
maximum ESR requirements. Ceramic capacitors are manufactured
with a variety of dielectrics, each with different behavior over tem-
perature and applied voltage. Capacitors must have an adequate
dielectric to ensure the minimum capacitance over the necessary
temperature range and dc bias conditions. X5R or X7R dielectrics
with a voltage rating of 6.3 V or 10 V are recommended. Y5V and
Z5U dielectrics are not recommended due to their poor temperature
and dc bias characteristics.
Figure 29 depicts the capacitance vs. voltage bias characteristic
of an 0402, 1 µF, 10 V X5R capacitor. The voltage stability of a
capacitor is strongly influenced by the capacitor size and voltage
rating. In general, a capacitor in a larger package or higher voltage
rating exhibits better stability. The temperature variation of the X5R
dielectric is ~±15% over the −40°C to +85°C temperature range and
is not a function of package or voltage rating.
Figure 29. Capacitance vs. Voltage Bias Characteristic
Use Equation 1 to determine the worst case capacitance, account-
ing for capacitor variation over temperature, component tolerance,
and voltage.
CEFF=CBIAS× 1−TEMPCO × 1−TOL (1)
where:
CBIAS is the effective capacitance at the operating voltage.
TEMPCO is the worst-case capacitor temperature coefficient.
TOL is the worst-case component tolerance.
In this example, the worst-case temperature coefficient (TEMPCO)
over −40°C to +85°C is 15% for an X5R dielectric, the tolerance of
the capacitor (TOL) is 10%, and CBIAS is 0.94 µF at 1.8 V, as shown
in Figure 29.
Substituting these values in Equation 1 yields the following:
CEFF = 0.94 µF × (1 − 0.15) × (1 − 0.1) = 0.719 µF
Therefore, the capacitor chosen in this example meets the mini-
mum capacitance requirement of the LDO over temperature and
tolerance at the chosen output voltage.
To guarantee the performance of the ADP151, it is imperative that
the effects of dc bias, temperature, and tolerances on the behavior
of the capacitors be evaluated for each application.
ENABLE FEATURE
The ADP151 uses the EN pin to enable and disable the VOUT pin
under normal operating conditions. As shown in Figure 30, when a
rising voltage on EN crosses the active threshold, VOUT turns on.
When a falling voltage on EN crosses the inactive threshold, VOUT
turns off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com