Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP151WAUJZ-1.8-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP151WAUJZ-1.8-R7
Description  Ultralow Noise, 200 mA, CMOS Linear Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP151WAUJZ-1.8-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP151WAUJZ-1.8-R7 Datasheet HTML 1Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 2Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 3Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 4Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 5Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 6Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 7Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 8Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Data Sheet
ADP151
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. J | 5 of 23
Table 3.
Parameter
Rating
VIN to GND
−0.3 V to +6.5 V
VOUT to GND
−0.3 V to VIN
EN to GND
−0.3 V to +6.5 V
Temperature Range
Storage
−65°C to +150°C
Operating Junction
−40°C to +125°C
Operating Ambient
−40°C to +125°C
Soldering Conditions
JEDEC J-STD-020
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL DATA
Absolute maximum ratings apply individually only, not in combina-
tion. The ADP151 can be damaged when the junction temperature
limits are exceeded. Monitoring ambient temperature does not
guarantee that TJ is within the specified temperature limits. In appli-
cations with high power dissipation and poor thermal resistance, the
maximum ambient temperature may have to be derated.
In applications with moderate power dissipation and low printed
circuit board (PCB) thermal resistance, the maximum ambient tem-
perature can exceed the maximum limit as long as the junction
temperature is within specification limits. TJ of the device is depend-
ent on TA, the power dissipation of the device (PD), and the junction
to ambient thermal resistance of the package (θJA).
To calculate the maximum TJ from TA and PD use the following
equation:
TJ = TA + (PD × θJA)
The θJA of the package is based on modeling and calculation using
a 4-layer board. θJA is highly dependent on the application and
board layout. In applications where high maximum PD exists, close
attention to thermal board design is required. The value of θJA
may vary, depending on PCB material, layout, and environmental
conditions. The specified values of θJA are based on a 4-layer,
4 inches × 3 inches circuit board. See JESD51-7 and JESD51-9
for detailed information on the board construction. For additional
information, see the AN-617 Application Note, MicroCSP™ Wafer
Level Chip Scale Package.
ΨJB is the junction to board, thermal characterization parameter
with units of °C/W. ΨJB of the package is based on modeling
and calculation using a 4-layer board. The JESD51-12, Guidelines
for Reporting and Using Electronic Package Thermal Information,
states that thermal characterization parameters are not the same as
thermal resistances. ΨJB measures the component power flowing
through multiple thermal paths rather than a single path as in θJB.
Therefore, ΨJB thermal paths include convection from the top of
the package as well as radiation from the package, factors that
make ΨJB more useful in real-world applications. To calculate the
maximum TJ from the board temperature (TB) and PD, use the
following equation:
TJ = TB + (PD × ΨJB)
See JESD51-8 and JESD51-12 for more detailed information about
ΨJB.
THERMAL RESISTANCE
θJA and ΨJB are specified for the worst-case conditions, that is, a
device soldered in a circuit board for surface-mount packages.
Table 4. Thermal Resistance
Package Type
θJA
ΨJB
Unit
5-Lead TSOT (UJ-5)
170
43
°C/W
4-Ball WLCSP (CB-4-3)
260
58
°C/W
6-Lead LFCSP (CP-6-3)
63.6
28.3
°C/W
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com