Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP151WAUJZ-1.8-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP151WAUJZ-1.8-R7
Description  Ultralow Noise, 200 mA, CMOS Linear Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP151WAUJZ-1.8-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP151WAUJZ-1.8-R7 Datasheet HTML 9Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 10Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 11Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 12Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 13Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 14Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 15Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 16Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Data Sheet
ADP151
APPLICATIONS INFORMATION
analog.com
Rev. J | 13 of 23
Figure 30. ADP151 Typical EN Pin Operation
As shown in Figure 30, the EN pin has hysteresis built in to prevent
on and off oscillations that can occur due to noise on the EN pin as
this pin passes through the threshold points.
The EN pin active and inactive thresholds are derived from the
VIN voltage. Therefore, these thresholds vary with changing input
voltage. Figure 31 shows typical EN active and inactive thresholds
when the input voltage varies from 2.2 V to 5.5 V.
Figure 31. Typical EN Pin Thresholds vs. Input Voltage
The ADP151 uses an internal soft start to limit the inrush current
when the output is enabled. The start-up time for the 3.3 V option
is approximately 160 µs from the time the EN active threshold is
crossed to when the output reaches 90% of its final value. As
shown in Figure 32, the start-up time is dependent on the output
voltage setting.
Figure 32. Typical Start-Up Behavior
ADJUSTABLE OUTPUT VOLTAGE OPERATION
The unique architecture of the ADP151 makes an adjustable ver-
sion difficult to implement in silicon. However, it is possible to create
an adjustable regulator at the expense of increasing the quiescent
current of the regulator circuit.
The ADP151, and similar LDOs, are designed to regulate the output
voltage (VOUT) appearing at the VOUT pin with respect to the GND
pin. If the GND pin is at a potential other than 0 V (for example,
at the offset voltage (VOFFSET)), the ADP151 output voltage is VOUT
+ VOFFSET. By taking advantage of this behavior, it is possible
to create an adjustable ADP151 circuit that retains most of the
desirable characteristics of the ADP151.
Figure 33. Adjustable LDO Using the ADP151
The circuit shown in Figure 33 is an example of an adjustable LDO
using the ADP151. A stable VOFFSET voltage is created by passing
a known current through R2. The current through R2 is determined
by the voltage across R1. Because the voltage across R1 is set by
the voltage between VOUT and GND, the current passing through
R2 is fixed, and VOFFSET is stable.
To minimize the effect variation of the ADP151 ground current
(IGND) with load, it is best to keep R1 as small as possible. It is also
best to size the current passing through R2 to at least 20× greater
than the maximum expected ground current.
To create a 4 V LDO circuit, start with the 3.3 V version of the
ADP151 to minimize the value of R2. Because VOUT is 4 V, VOFFSET
must be 0.7 V, and the current through R2 must be 7 mA. R1 is,
therefore, 3.3 V/7 mA or 471 Ω. A 470 Ω standard value introduces



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com