Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP151WAUJZ-1.8-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP151WAUJZ-1.8-R7
Description  Ultralow Noise, 200 mA, CMOS Linear Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP151WAUJZ-1.8-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP151WAUJZ-1.8-R7 Datasheet HTML 11Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 12Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 13Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 14Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 15Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 16Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 17Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 18Page - Analog Devices ADP151WAUJZ-1.8-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Data Sheet
ADP151
APPLICATIONS INFORMATION
analog.com
Rev. J | 15 of 23
CURRENT-LIMIT AND THERMAL OVERLOAD
PROTECTION
The ADP151 is protected against damage due to excessive power
dissipation by current and thermal overload protection circuits. The
ADP151 is designed to current limit when the output load reaches
300 mA (typical). When the output load exceeds 300 mA, the output
voltage is reduced to maintain a constant current limit.
Thermal overload protection is included, which limits the junction
temperature to a maximum of 150°C (typical). Under extreme
conditions (that is, high ambient temperature and power dissipation)
when the junction temperature starts to rise above 150°C, the
output is turned off, reducing the output current to 0. When the
junction temperature drops below 135°C, the output is turned on
again, and the output current is restored to its nominal value.
Consider the case where a hard short from VOUT to ground
occurs. At first, the ADP151 current limits, so that only 300 mA
is conducted into the short. If self heating of the junction causes
its temperature to rise above 150°C, thermal shutdown activates,
turning off the output and reducing the output current to 0. As the
junction temperature cools and drops below 135°C, the output turns
on and conducts 300 mA into the short, again causing the junction
temperature to rise above 150°C. This thermal oscillation between
135°C and 150°C causes a current oscillation between 300 mA and
0 mA that continues as long as the short remains at the output.
Current-limit and thermal limit protections protect the device against
accidental overload conditions. For reliable operation, device power
dissipation must be externally limited so that junction temperatures
do not exceed 125°C.
THERMAL CONSIDERATIONS
In most applications, the ADP151 does not dissipate much heat due
to its high efficiency. However, in applications with a high ambient
temperature and a high supply voltage to output voltage differential,
the heat dissipated in the package can cause the junction temper-
ature of the die to exceed the maximum junction temperature of
125°C.
When the junction temperature exceeds 150°C, the converter
enters thermal shutdown. The converter recovers only after the
junction temperature has decreased below 135°C to prevent any
permanent damage. Therefore, thermal analysis for the chosen
application is important to guarantee reliable performance over all
conditions. The junction temperature of the die is the sum of the
ambient temperature of the environment and the temperature rise
of the package due to the power dissipation, as shown in Equation
2.
To guarantee reliable operation, the junction temperature of the
ADP151 must not exceed 125°C. To ensure that the junction tem-
perature stays below this maximum value, the user must be aware
of the parameters that contribute to junction temperature changes.
These parameters include ambient temperature, power dissipation
in the power device, and thermal resistances between the junction
and ambient air (θJA). The θJA number is dependent on the package
assembly compounds that are used and the amount of copper used
to solder the package GND pins to the PCB.
Table 6 shows typical θJA values of the 5-lead TSOT, the 6-lead
LFCSP, and the 4-ball WLCSP for various PCB copper sizes. Table
7 shows the typical ΨJB values of the 5-lead TSOT, the 6-lead
LFCSP, and the 4-ball WLCSP.
Table 6. Typical θJA Values
Copper Size (mm2)
θJA (°C/W)
TSOT
WLCSP
LFCSP
01
170
260
231.2
50
152
159
161.8
100
146
157
150.1
300
134
153
111.5
500
131
151
91.8
1 Device soldered to minimum size pin traces.
Table 7. Typical ΨJB Values
Model
ΨJB (°C/W)
5-Lead TSOT
43
4-Ball WLCSP
58
6-Lead LFCSP
28.3
To calculate the junction temperature of the ADP151, use the
following equation:
TJ=TA+ PD×θJA
(2)
where:
TA is the ambient temperature.
PD is the power dissipation in the die, given by
PD= VIN−VOUT ×ILOAD + VIN×IGND (3)
where:
VIN and VOUT are input and output voltages, respectively.
ILOAD is the load current.
IGND is the ground current.
Power dissipation due to ground current is small and can be
ignored. Therefore, the junction temperature equation simplifies to
the following:
TJ=TA+ VIN−VOUT ×ILOAD ×θJA (4)
As shown in Equation 4, for a given ambient temperature, input to
output voltage differential, and continuous load current, there exists
a minimum copper size requirement for the PCB to ensure that the
junction temperature does not rise above 125°C.
Figure 39 through Figure 59 show junction temperature calculations
for various ambient temperatures, load currents, VIN to VOUT differ-
entials, and areas of PCB copper.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com