Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA3208 Datasheet(PDF) 20 Page - Microchip Technology

Part # ATMEGA3208
Description  megaAVR® 0-series
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA3208 Datasheet(HTML) 20 Page - Microchip Technology

Back Button ATMEGA3208 Datasheet HTML 16Page - Microchip Technology ATMEGA3208 Datasheet HTML 17Page - Microchip Technology ATMEGA3208 Datasheet HTML 18Page - Microchip Technology ATMEGA3208 Datasheet HTML 19Page - Microchip Technology ATMEGA3208 Datasheet HTML 20Page - Microchip Technology ATMEGA3208 Datasheet HTML 21Page - Microchip Technology ATMEGA3208 Datasheet HTML 22Page - Microchip Technology ATMEGA3208 Datasheet HTML 23Page - Microchip Technology ATMEGA3208 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 68 page
background image
Table 5-21. Clock and Timing Characteristics
Symbol Description
Conditions
Min. Typ. Max. Unit
fADC
Sample rate
1.1V≤VREF
15
-
115
ksps
1.1V≤VREF (8-bit resolution)
15
-
150
VREF=0.55V (10 bits)
7.5
-
20
CLKADC Clock frequency
VREF=0.55V (10 bits)
100 -
260
kHz
1.1V≤VREF (10 bits)
200 -
1500
1.1V≤VREF (8-bit resolution)
200 -
2000
Ts
Sampling time
2
2
33
CLKADC cycles
TCONV
Conversion time (latency)
Sampling time = 2 CLKADC
8.7
-
50
µs
TSTART
Start-up time
Internal VREF
-
22
-
µs
Table 5-22. Accuracy Characteristics Internal Reference(2)
Symbol Description
Conditions
Min.
Typ.
Max.
Unit
Res
Resolution
-
10
-
bit
INL
Integral Non-
linearity
REFSEL =
INTERNAL
VREF=0.55V
fADC=7.7 ksps
-
1.0
-
LSB
REFSEL =
INTERNAL or VDD
fADC=15 ksps
-
1.0
-
REFSEL =
INTERNAL or VDD
1.1V≤VREF
fADC=77 ksps
-
1.0
-
fADC=115 ksps
-
1.2
-
DNL(1)
Differential
Non-linearity
REFSEL =
INTERNAL
VREF = 0.55V
fADC=7.7 ksps
-
0.6
-
LSB
REFSEL =
INTERNAL
VREF = 1.1V
fADC=15 ksps
-
0.4
-
REFSEL =
INTERNAL or VDD
1.5V≤VREF
fADC=15 ksps
-
0.4
-
REFSEL =
INTERNAL or VDD
1.1V≤VREF
fADC=77 ksps
-
0.4
-
ATmega3208/4808 – 32-pin Data Sheet
Electrical Characteristics
© 2018 Microchip Technology Inc.
Datasheet Preliminary
DS40002017A-page 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com