Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA3208 Datasheet(PDF) 17 Page - Microchip Technology

Part # ATMEGA3208
Description  megaAVR® 0-series
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA3208 Datasheet(HTML) 17 Page - Microchip Technology

Back Button ATMEGA3208 Datasheet HTML 13Page - Microchip Technology ATMEGA3208 Datasheet HTML 14Page - Microchip Technology ATMEGA3208 Datasheet HTML 15Page - Microchip Technology ATMEGA3208 Datasheet HTML 16Page - Microchip Technology ATMEGA3208 Datasheet HTML 17Page - Microchip Technology ATMEGA3208 Datasheet HTML 18Page - Microchip Technology ATMEGA3208 Datasheet HTML 19Page - Microchip Technology ATMEGA3208 Datasheet HTML 20Page - Microchip Technology ATMEGA3208 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 68 page
background image
5.9
I/O Pin Characteristics
Table 5-16. I/O Pin Characteristics (TA=[-40, 85]°C, VDD=[1.8, 5.5]V unless otherwise noted)
Symbol Description
Condition
Min.
Typ.
Max.
Unit
VIL
Input Low Voltage
-0.2
-
0.3×VDD
V
VIH
Input High Voltage
0.7×VDD -
VDD+0.2V V
IIH / IIL
I/O pin Input Leakage Current
VDD=5.5V, Pin high
-
< 0.05 -
µA
VDD=5.5V, Pin low
-
< 0.05 -
VOL
I/O pin drive strength
VDD=1.8V, IOL=1.5 mA -
-
0.36
V
VDD=3.0V, IOL=7.5 mA -
-
0.6
VDD=5.0V, IOL=15 mA
-
-
1
VOH
I/O pin drive strength
VDD=1.8V, IOH=1.5 mA 1.44
-
-
V
VDD=3.0V, IOH=7.5 mA 2.4
-
-
VDD=5.0V, IOH=15 mA 4
-
-
Itotal
Maximum combined I/O sink/
source current per pin group(1)
-
-
100
mA
Maximum combined I/O sink/
source current per pin group(1)
TA=25°C
-
-
200
tRISE
Rise time
VDD=3.0V, load=20 pF -
2.5
-
ns
VDD=5.0V, load=20 pF -
1.5
-
VDD=3.0V, load=20 pF,
slew rate enabled
-
19
-
VDD=5.0V, load=20 pF,
slew rate enabled
-
9
-
tFALL
Fall time
VDD=3.0V, load=20 pF -
2.0
-
ns
VDD=5.0V, load=20 pF -
1.3
-
VDD=3.0V, load=20 pF,
slew rate enabled
-
21
-
VDD=5.0V, load=20 pF,
slew rate enabled
-
11
-
Cpin
I/O pin capacitance except for
TOSC, VREFA, and TWI pins
-
3.5
-
pF
Cpin
I/O pin capacitance on TOSC pins
-
4
-
pF
Cpin
I/O pin capacitance on TWI pins
-
10
-
pF
Cpin
I/O pin capacitance on VREFA pin
-
14
-
pF
Rp
Pull-up resistor
20
35
50
kΩ
ATmega3208/4808 – 32-pin Data Sheet
Electrical Characteristics
© 2018 Microchip Technology Inc.
Datasheet Preliminary
DS40002017A-page 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com