Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA3208 Datasheet(PDF) 63 Page - Microchip Technology

Part # ATMEGA3208
Description  megaAVR® 0-series
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA3208 Datasheet(HTML) 63 Page - Microchip Technology

Back Button ATMEGA3208 Datasheet HTML 59Page - Microchip Technology ATMEGA3208 Datasheet HTML 60Page - Microchip Technology ATMEGA3208 Datasheet HTML 61Page - Microchip Technology ATMEGA3208 Datasheet HTML 62Page - Microchip Technology ATMEGA3208 Datasheet HTML 63Page - Microchip Technology ATMEGA3208 Datasheet HTML 64Page - Microchip Technology ATMEGA3208 Datasheet HTML 65Page - Microchip Technology ATMEGA3208 Datasheet HTML 66Page - Microchip Technology ATMEGA3208 Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 68 page
background image
8.
Conventions
8.1
Memory Size and Type
Table 8-1. Memory Size and Bit Rate
Symbol
Description
KB
kilobyte (210 = 1024)
MB
megabyte (220 = 1024*1024)
GB
gigabyte (230 = 1024*1024*1024)
b
bit (binary '0' or '1')
B
byte (8 bits)
1 kbit/s
1,000 bit/s rate (not 1,024 bit/s)
1 Mbit/s
1,000,000 bit/s rate
1 Gbit/s
1,000,000,000 bit/s rate
word
16-bit
8.2
Frequency and Time
Table 8-2. Frequency and Time
Symbol
Description
kHz
1 kHz = 103 Hz = 1,000 Hz
KHz
1 KHz = 1,024 Hz, 32 KHz = 32,768 Hz
MHz
1 MHz = 106 Hz = 1,000,000 Hz
GHz
1 GHz = 109 Hz = 1,000,000,000 Hz
s
second
ms
millisecond
µs
microsecond
ns
nanosecond
ATmega3208/4808 – 32-pin Data Sheet
Conventions
© 2018 Microchip Technology Inc.
Datasheet Preliminary
DS40002017A-page 63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com