Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA3208 Datasheet(PDF) 62 Page - Microchip Technology

Part # ATMEGA3208
Description  megaAVR® 0-series
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA3208 Datasheet(HTML) 62 Page - Microchip Technology

Back Button ATMEGA3208 Datasheet HTML 58Page - Microchip Technology ATMEGA3208 Datasheet HTML 59Page - Microchip Technology ATMEGA3208 Datasheet HTML 60Page - Microchip Technology ATMEGA3208 Datasheet HTML 61Page - Microchip Technology ATMEGA3208 Datasheet HTML 62Page - Microchip Technology ATMEGA3208 Datasheet HTML 63Page - Microchip Technology ATMEGA3208 Datasheet HTML 64Page - Microchip Technology ATMEGA3208 Datasheet HTML 65Page - Microchip Technology ATMEGA3208 Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 68 page
background image
7.2
32-pin VQFN
DRAWING NO.
REV.
TITLE
GPC
32MS1
A
12/4/13
32MS1, 32-pad 5.0x5.0x0.9 mm Body, 0.50mm pitch, 3.1x3.1
mm Exposed pad, Saw Singulated Thermally Enhanced
Plastic Very-thin Fine pitch, Quad Flat No Lead package
(VFQFN)
ZMF
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
TYP
MAX
NOTE
A
0.80
-
0.90
A1
0.00
-
0.05
A3
0.20 REF
b
0.18
0.25
0.30
2
D
4.90
5.00
5.10
D2
3.00
3.10
3.20
E
4.90
5.00
5.10
E2
3.00
3.10
3.20
e
-
0.50
-
L
0.30
0.40
0.50
K
0.20
-
-
Package Drawing Contact:
packagedrawings@atmel.com
E
2
1
32
PIN 1 ID
C
0.10
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
C
C
0.08
A1
A
C
0.10
E2
e
1
32
Option B
K
(32X)
b
See Option A,B
1
1
PIN # 1 ID
Chamfer
PIN # 1 ID
Notch
NOTE:
1. Refer to JEDEC Drawing MO-220, Variation VHHD-2 (Figure 1/Saw
Singulation)
2. Dimension “b” applies to metalized terminal and is measured between
0.15mm and 0.30mm from the terminal tip. If the terminal has the
optional radius on the other end of the terminal, the dimensions
should not be measured in that radius area.
e/2
Pin 1 Corner
Option A
32
32
(C 0.30)
(R 0.20)
D2
(32X)
L
2X
0.10 C
D
A3
2
ATmega3208/4808 – 32-pin Data Sheet
Package Drawings
© 2018 Microchip Technology Inc.
Datasheet Preliminary
DS40002017A-page 62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com