Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA3208 Datasheet(PDF) 12 Page - Microchip Technology

Part # ATMEGA3208
Description  megaAVR® 0-series
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA3208 Datasheet(HTML) 12 Page - Microchip Technology

Back Button ATMEGA3208 Datasheet HTML 8Page - Microchip Technology ATMEGA3208 Datasheet HTML 9Page - Microchip Technology ATMEGA3208 Datasheet HTML 10Page - Microchip Technology ATMEGA3208 Datasheet HTML 11Page - Microchip Technology ATMEGA3208 Datasheet HTML 12Page - Microchip Technology ATMEGA3208 Datasheet HTML 13Page - Microchip Technology ATMEGA3208 Datasheet HTML 14Page - Microchip Technology ATMEGA3208 Datasheet HTML 15Page - Microchip Technology ATMEGA3208 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 68 page
background image
Mode Description
Condition
Typ. Max. Unit
VDD=3V 0.8
-
mA
fCLK_CPU=5 MHz (OSC20M div4)
VDD=5V 0.7
-
mA
VDD=3V 0.4
-
mA
VDD=2V 0.25 -
mA
fCLK_CPU=32 KHz (OSCULP32K)
VDD=5V 5.6
-
µA
VDD=3V 2.8
-
µA
VDD=2V 1.8
-
µA
Table 5-6. Power Consumption in Power-Down, Standby and Reset Mode
Mode
Description
Condition
Typ.
25°C
Max.
85°C
Max.
125°C
Unit
Standby
Standby power
consumption
RTC running at 1.024
kHz from external
XOSC32K (CL=7.5pF)
VDD=3V 0.69
-
-
µA
RTC running at 1.024
kHz from internal
OSCULP32K
VDD=3V 0.65
TBD
TBD
µA
Power
Down/
Standby
Power down/Standby
power consumption
are the same when
all peripherals are
stopped
All peripherals
stopped
VDD=3V 0.10
TBD
TBD
µA
Reset
Reset power
consumption
RESET line pulled low VDD=3V 100
-
-
µA
5.5
Peripherals Power Consumption
The table below can be used to calculate the additional current consumption for the different I/O
peripherals in the various operating modes.
Operating conditions:
•
VDD=3V
•
T=25°C
•
OSC20M at 1 MHz used as system clock source, except where otherwise specified.
Table 5-7. Peripherals Power Consumption
Peripheral
Conditions
Typ.(1)
Unit
BOD
Continuous
19
µA
Sampling @ 1 kHz
1.2
TCA
16-bit count @ 1 MHz
12.6
µA
ATmega3208/4808 – 32-pin Data Sheet
Electrical Characteristics
© 2018 Microchip Technology Inc.
Datasheet Preliminary
DS40002017A-page 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com