Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA3208 Datasheet(PDF) 10 Page - Microchip Technology

Part # ATMEGA3208
Description  megaAVR® 0-series
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA3208 Datasheet(HTML) 10 Page - Microchip Technology

Back Button ATMEGA3208 Datasheet HTML 6Page - Microchip Technology ATMEGA3208 Datasheet HTML 7Page - Microchip Technology ATMEGA3208 Datasheet HTML 8Page - Microchip Technology ATMEGA3208 Datasheet HTML 9Page - Microchip Technology ATMEGA3208 Datasheet HTML 10Page - Microchip Technology ATMEGA3208 Datasheet HTML 11Page - Microchip Technology ATMEGA3208 Datasheet HTML 12Page - Microchip Technology ATMEGA3208 Datasheet HTML 13Page - Microchip Technology ATMEGA3208 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
Table 5-3. Operating Voltage and Frequency
Symbol
Description
Condition
Min. Max.(1)
Unit
fCLK_CPU Nominal operating system clock frequency
VDD=[1.8, 5.5]V
TA=[-40, 105]°C(2)
0
5
MHz
VDD=[2.7, 5.5]V
TA=[-40, 105]°C(3)
0
10
VDD=[4.5, 5.5]V
TA=[-40, 105]°C(4)
0
20
VDD=[2.7, 5.5]V
TA=[-40, 125]°C(3)
0
8
VDD=[4.5, 5.5]V
TA=[-40, 125]°C(3)
0
16
Note: 
1.
Operation is guaranteed 5% above the maximum frequency.
2.
Operation is guaranteed down to BOD triggering level, VBOD with BODLEVEL=1.8V.
3.
Operation is guaranteed down to BOD triggering level, VBOD with BODLEVEL=2.7V.
4.
Operation is guaranteed down to BOD triggering level, VBOD with BODLEVEL=4.3V.
The maximum CPU clock frequency depends on VDD. As shown in the following figure, the Maximum
Frequency vs. VDD is linear between 1.8V < VDD < 2.7V and 2.7V < VDD < 4.5V
Figure 5-1. Maximum Frequency vs. VDD for [-40, 105]°C
5MHz
10MHz
20MHz
1.8V
5.5V
2.7V
4.5V
Safe Operating Area
5.3
Power Considerations
The average die junction temperature, TJ (in °C) is given from the formula
TJ = TA+PD * RθJA
ATmega3208/4808 – 32-pin Data Sheet
Electrical Characteristics
© 2018 Microchip Technology Inc.
Datasheet Preliminary
DS40002017A-page 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com