Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA3208 Datasheet(PDF) 9 Page - Microchip Technology

Part # ATMEGA3208
Description  megaAVR® 0-series
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA3208 Datasheet(HTML) 9 Page - Microchip Technology

Back Button ATMEGA3208 Datasheet HTML 5Page - Microchip Technology ATMEGA3208 Datasheet HTML 6Page - Microchip Technology ATMEGA3208 Datasheet HTML 7Page - Microchip Technology ATMEGA3208 Datasheet HTML 8Page - Microchip Technology ATMEGA3208 Datasheet HTML 9Page - Microchip Technology ATMEGA3208 Datasheet HTML 10Page - Microchip Technology ATMEGA3208 Datasheet HTML 11Page - Microchip Technology ATMEGA3208 Datasheet HTML 12Page - Microchip Technology ATMEGA3208 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
5.
Electrical Characteristics
5.1
Absolute Maximum Ratings
Stresses beyond those listed in this section may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or other conditions beyond those indicated in
the operational sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
Table 5-1. Absolute Maximum Ratings
Symbol Description
Conditions
Min. Max.
Unit
VDD
Power Supply Voltage
-0.5 6
V
IVDD
Current into a VDD pin
TA=[-40, 85]°C
-
200
mA
TA=[85, 125]°C
-
100
mA
IGND
Current out of a GND pin
TA=[-40, 85]°C
-
200
mA
TA=[85, 125]°C
-
100
mA
VPIN
Pin voltage with respect to GND
-0.5 VDD+0.5 V
IPIN
I/O pin sink/source current
-40 40
mA
Ic1(1)
I/O pin injection current except for the RESET pin
Vpin<GND-0.6V or 5.5V<Vpin≤6.1V
4.9V<VDD≤5.5V
-1
1
mA
Ic2(1)
I/O pin injection current except for the RESET pin
Vpin<GND-0.6V or Vpin≤5.5V
VDD≤4.9V
-15 15
mA
Tstorage Storage temperature
-65 150
°C
Note: 
1.
–
If VPIN is lower than GND-0.6V, then a current limiting resistor is required. The negative DC
injection current limiting resistor is calculated as R = (GND-0.6V – Vpin)/ICn.
–
If VPIN is greater than VDD+0.6V, then a current limiting resistor is required. The positive DC
injection current limiting resistor is calculated as R = (Vpin-(VDD+0.6))/ICn.
5.2
General Operating Ratings
The device must operate within the ratings listed in this section in order for all other electrical
characteristics and typical characteristics of the device to be valid.
Table 5-2. General Operating Conditions
Symbol
Description
Condition
Min.
Max.
Unit
VDD
Operating Supply Voltage
1.8(1)
5.5
V
TA
Operating temperature range
Standard temperature range
-40
125
°C
Note: 
1.
Operation is guaranteed down to 1.8V or VBOD with BODLEVEL=1.8V, whichever is lower.
ATmega3208/4808 – 32-pin Data Sheet
Electrical Characteristics
© 2018 Microchip Technology Inc.
Datasheet Preliminary
DS40002017A-page 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com