Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4530M Datasheet(PDF) 6 Page - Qorvo, Inc

Part # ACT4530M
Description  40 V/3.0 A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4530M Datasheet(HTML) 6 Page - Qorvo, Inc

Back Button ACT4530M Datasheet HTML 2Page - Qorvo, Inc ACT4530M Datasheet HTML 3Page - Qorvo, Inc ACT4530M Datasheet HTML 4Page - Qorvo, Inc ACT4530M Datasheet HTML 5Page - Qorvo, Inc ACT4530M Datasheet HTML 6Page - Qorvo, Inc ACT4530M Datasheet HTML 7Page - Qorvo, Inc ACT4530M Datasheet HTML 8Page - Qorvo, Inc ACT4530M Datasheet HTML 9Page - Qorvo, Inc ACT4530M Datasheet HTML 10Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Data Sheet Rev. B, September 2019 | Subject to change without notice
6 of 15
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT4530M
40 V/3.0 A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
FUNCTIONAL BLOCK DIAGRAM
FUNCTIONAL DESCRIPTION
The ACT4530M is wide input range (40 V) buck
converter that is optimized for CLA (cigarette lighter
adapter) car charger applications. It operates at
125 kHz for automotive EMI compatibility. It supports all
major communication protocols including Q2.0, USB
PD, Apple, Samsung, and BC1.2. It requires very few
external components, resulting in small solution sizes.
Improved QC2.0 Functionality (DP and
DM communication)
The ACT4530M implements an improved QC2.0
functionality. It overcomes the typical issues seen with
12 V automotive QC2.0 applications that request a 12 V
output. A typical buck converter cannot deliver a 12 V
output voltage from a 12 V input voltage. The typical
buck converter goes to maximum duty cycle and is
unable to accurately regulate the output voltage or
current. The ACT4530M resolves this issue by accept-
ing all QC2.0 voltage requests, but it only responds to
5 V and 9 V requests. Any 12 V request is ignored, and
the output voltage does not change.
PDC Pin
The PDC pin is an optional input that allows external
controllers to program the ACT4530M output voltage.
This pin is typically used in USB PD applications.
Opening PDC (floating input) programs Vout to 5.1 V.
Pulling PDC low programs Vout to 9.1 V. Pulling PDC
high does not change the previously programmed
output voltage. Starting the IC with PDC already pulled
high results in Vout starting at 5 V.
Output Current Sensing and Regulation
The output current sense resistor is connected between
CSP and CSN. The sensed differential voltage is
compared with an internal reference voltage to regulate
the maximum output current. CC loop and CV loop are
in parallel. The current loop response has a slower
response compared to voltage loop. During load current
transients, the inductor current can be up to +/-25%
higher than steady state condition. The customer should
confirm that the inductor does not saturate during these
peak conditions.
Cycle-by-Cycle Current Control
The conventional cycle-by-cycle peak current mode is
implemented with high-side FET current sense.
Input Over Voltage Protection
The converter is disabled if the input voltage is above
42 V (+/-2 V). Device resumes operation automatically
40 ms after OVP is cleared.
Output Over Voltage Protection
Device stops switching when output over-voltage is
sensed, and resumes operation automatically when
output voltage drops to OVP- hysteresis.
FUNCTIONAL DESCRIPTION
Output Over Voltage Discharge
PWM
Controller
Driver
Current Sense
and Control
70mΩ
4.7Ω
OVP
CSP
CSN
GND
SW
HSB
UVLO
VIN
DP
DM
QC2.0
Detect
USB
Auto
Detect
PDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com