Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4530M Datasheet(PDF) 8 Page - Qorvo, Inc

Part # ACT4530M
Description  40 V/3.0 A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4530M Datasheet(HTML) 8 Page - Qorvo, Inc

Back Button ACT4530M Datasheet HTML 4Page - Qorvo, Inc ACT4530M Datasheet HTML 5Page - Qorvo, Inc ACT4530M Datasheet HTML 6Page - Qorvo, Inc ACT4530M Datasheet HTML 7Page - Qorvo, Inc ACT4530M Datasheet HTML 8Page - Qorvo, Inc ACT4530M Datasheet HTML 9Page - Qorvo, Inc ACT4530M Datasheet HTML 10Page - Qorvo, Inc ACT4530M Datasheet HTML 11Page - Qorvo, Inc ACT4530M Datasheet HTML 12Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Data Sheet Rev. B, September 2019 | Subject to change without notice
8 of 15
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT4530M
40 V/3.0 A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
APPLICATIONS INFORMATION
Inductor Selection
The inductor maintains a continuous current to the
output load. This inductor current has a ripple that is
dependent on the inductance value.
Higher inductance reduces the peak-to-peak ripple
current. The trade-off for high inductance value is
the increase in inductor core size and series resistance,
and the reduction in current handling capability. In
general, select an inductance value L based on ripple
current requirement:
=
×
−
(1)
Where VIN is the input voltage, VOUT is the output voltage,
fSW is the switching frequency, ILOADMAX is the maximum
load current, and KRIPPLE is the ripple factor. Typically,
choose KRIPPLE = 30% to correspond to the peak-to-peak
ripple current being 30% of the maximum load current.
With a selected inductor value the peak-to-peak
inductor current is estimated as:
=
×
−
×
×
(2)
The peak inductor current is estimated as:
=
+
1
2
(3)
The selected inductor should not saturate at ILPK. The
maximum output current is calculated as:
=
−
1
2
(4)
LLIM is the internal current limit.
Input Capacitor
The input capacitor needs to be carefully selected to
maintain sufficiently low ripple at the supply input of the
converter. A low ESR capacitor is highly recommended.
Since large currents flow in and out of this capacitor
during switching, its ESR also affects efficiency.
The input capacitance needs to be higher than 10 µF.
The best choice is a ceramic capacitor. However, low
ESR tantalum or electrolytic types may also be used
provided that the RMS ripple current rating is higher
than
50%
of
the
output
current.
Active
Semi
recommends using a ceramic capacitor in parallel with
a tantalum or electrolytic. This combination provides the
EMI and noise performance. The input capacitor must
be placed close to the IN and GND pins of the IC, with
the shortest traces possible. If using a tantalum or elec-
trolytic capacitor in parallel with ceramic capacitor, the
ceramic capacitor must be placed closer to the IC.
Output Capacitor
The ACT4530 output capacitance must be split between
the left and right side of the output current sense resistor.
The left side of the current sense resistor (CSP pin)
requires a 22 uF ceramic capacitor. The right side of the
current
sense
resistor
should
contain
enough
capacitance to keep the output voltage ripple below the
required level.
=
×
+
!
" × #$% × &'()
)
(5)
This output capacitance should have low ESR to keep
low output voltage ripple. The output ripple voltage is:
Where
IOUTMAX
is
the
maximum
output
current,
KRIPPLE is the ripple factor, RESR is the ESR of the output
capacitor, fSW is the switching frequency, L is the
inductor value, and COUT is the output capacitance.
From the equation above, VRIPPLE is the combination of
ESR and real capacitance.
In the case of ceramic output capacitors, RESR is very
small and does not contribute to the ripple. Therefore, a
lower capacitance value can be used. In the case of
tantalum or electrolytic capacitors, the ripple is
dominated by RESR. In this case, the output capacitor
must be chosen to have sufficiently low ESR.
For ceramic output capacitors, typically choose a
capacitance of about 22 µF. For tantalum or electrolytic
capacitors, choose a capacitor with less than 50 mΩ
ESR. If an 330 uF or 470 uF electrolytic cap or tantalum
cap is used and the output voltage ripple is dominated
by ESR, add a 2.2 uF ceramic in parallel with the
tantalum or electrolytic.
Rectifier Schottky Diode
Use a Schottky diode as the rectifier to conduct current
when the High-Side Power Switch is off. The Schottky
diode must have current rating higher than the
maximum output current and a reverse voltage rating
higher than the maximum input voltage. Furthermore,
the low forward voltage Schottky is preferable for high
efficiency and smoothly operation.
APPLICATIONS INFORMATION
Current Sense Resistor
The traces leading to and from the sense resistor can
be significant error sources. With small value sense



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com