Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4530M Datasheet(PDF) 4 Page - Qorvo, Inc

Part # ACT4530M
Description  40 V/3.0 A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4530M Datasheet(HTML) 4 Page - Qorvo, Inc

  ACT4530M Datasheet HTML 1Page - Qorvo, Inc ACT4530M Datasheet HTML 2Page - Qorvo, Inc ACT4530M Datasheet HTML 3Page - Qorvo, Inc ACT4530M Datasheet HTML 4Page - Qorvo, Inc ACT4530M Datasheet HTML 5Page - Qorvo, Inc ACT4530M Datasheet HTML 6Page - Qorvo, Inc ACT4530M Datasheet HTML 7Page - Qorvo, Inc ACT4530M Datasheet HTML 8Page - Qorvo, Inc ACT4530M Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Data Sheet Rev. B, September 2019 | Subject to change without notice
4 of 15
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT4530M
40 V/3.0 A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
ELECTRICAL CHARACTERISTICS
(VIN = 12 V, TJ = -40 °C ~ 125 °C, unless otherwise specified.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Input Over Voltage Protection
VIN_OVP
Rising
40
42
44
V
Input Over Voltage Hysteresis
4
V
Input Over Voltage Response Time
T_VIN_OVP
VIN step from 30 V to 45 V
250
ns
Input Under Voltage Lockout (UVLO)
VIN
Rising
4.5
V
Input UVLO Hysteresis
200
mV
Input Voltage Power Good Deglitch Time
No OVP
40
ms
Input Voltage Power Good Deglitch Time
No UVP
10
us
Input Standby Current
VIN = 12 V, VOUT = 5.1 V,
ILOAD = 0
500
uA
Output Voltage Regulation
CSP
5.1 V setting
9.1 V setting
5.05
9.0
5.1
9.1
5.15
9.2
V
Output Over Voltage Protection (OVP)
Output rising, 5.1 V setting
Output rising, 9.1 V setting
5.7
10.1
V
Output Over Voltage Deglitch Time
1.0
us
Output Voltage Cord Compensation
ACT4530MYH-T0010 -
66 mV between CSP and
CSN
-15%
200
+15%
mV
Output Under Voltage Protection (UVP)
VOUT
VOUT falling
-10%
3.2
10%
V
UVP Hysteresis
VOUT
VOUT falling
0.2
V
UVP Deglitch Time
VOUT
10
us
UVP Blanking Time at Startup
3.5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com