Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4530M Datasheet(PDF) 5 Page - Qorvo, Inc

Part # ACT4530M
Description  40 V/3.0 A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4530M Datasheet(HTML) 5 Page - Qorvo, Inc

  ACT4530M Datasheet HTML 1Page - Qorvo, Inc ACT4530M Datasheet HTML 2Page - Qorvo, Inc ACT4530M Datasheet HTML 3Page - Qorvo, Inc ACT4530M Datasheet HTML 4Page - Qorvo, Inc ACT4530M Datasheet HTML 5Page - Qorvo, Inc ACT4530M Datasheet HTML 6Page - Qorvo, Inc ACT4530M Datasheet HTML 7Page - Qorvo, Inc ACT4530M Datasheet HTML 8Page - Qorvo, Inc ACT4530M Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Data Sheet Rev. B, September 2019 | Subject to change without notice
5 of 15
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT4530M
40 V/3.0 A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
ELECTRICAL CHARACTERISTICS
(VIN = 12 V, TJ = -40 °C ~ 125 °C, unless otherwise specified.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Output Constant Current Limit
Rcs = 20 mΩ
3.1
3.3
3.5
A
Hiccup Waiting Time
4.13
S
Top FET Cycle by Cycle Current
Limit
4.5
5.8
A
Top FET Rds on
70
Bot FET Rds on
4.7
Ω
Maximum Duty Cycle
99
%
Switching Frequency
-10%
125
+10%
kHz
Soft-start Time
2.0
ms
Out Voltage Ripples
COUT = 220 uF/22 uF ceramic
80
mV
VOUT Discharge Current
For high to lower voltage transition
60
mA
Voltage transition time for QC 2.0
transition or USB PD Type C
9 V - 5 V
100
ms
Voltage transition time for QC 2.0
transition or USB PD Type C
5 V - 9 V
100
ms
Line Transient Response
Input 12 V - 40 V - 12 V with 1 V/us slew
rate, VOUT = 5 V, ILOAD = 0 A and 2.4 A
4.75
5.25
V
Load Transient Response
80 mA - 1.0 A - 80 mA load with 0.1 A/us
slew rate
4.9
5.15
5.4
V
80 mA - 1.0 A - 80 mA load with 0.1 A/us
slew rate
8.7
9.1
9.5
V
Thermal Shut Down
160
°C
Thermal Shut Down Hysteresis
30
°C
ESD of DP, DM
HBM
8
kV
PDC Floating
1.5
V
PDC High
2.0
V
PDC Low
0.8
V
PDC Maximum Voltage
5.5
V
PDC Drive Current
10
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com