Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4530M Datasheet(PDF) 1 Page - Qorvo, Inc

Part # ACT4530M
Description  40 V/3.0 A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4530M Datasheet(HTML) 1 Page - Qorvo, Inc

  ACT4530M Datasheet HTML 1Page - Qorvo, Inc ACT4530M Datasheet HTML 2Page - Qorvo, Inc ACT4530M Datasheet HTML 3Page - Qorvo, Inc ACT4530M Datasheet HTML 4Page - Qorvo, Inc ACT4530M Datasheet HTML 5Page - Qorvo, Inc ACT4530M Datasheet HTML 6Page - Qorvo, Inc ACT4530M Datasheet HTML 7Page - Qorvo, Inc ACT4530M Datasheet HTML 8Page - Qorvo, Inc ACT4530M Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
ACT4530M
40 V/3.0 A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Data Sheet Rev. B, September 2019 | Subject to change without notice
1 of 15
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
FEATURES
• AEC-Q100 Automotive Qualified
• -40 °C ~ 125 °C Junction Temperature Range
• 12 V Input Optimized (Automotive Applications)
• QC2.0 Decoding + USB Auto-Detect + USB-PD
Type-C Support
• Apple MFi and 2.4 A compatible
• Samsung and BC1.2 compatible
• 40 V Input Voltage Surge
• 4.5 V - 36 V Operational Input Voltage
• 5.1 V/9.1 V Output with +/-1% Accuracy
• Up to 3.0 A Output current
• Constant Current Regulation Limit
• Hiccup Mode Protection at Output Short
• >90% Efficiency at Full Load
• 0.5 mA Low Standby Input Current
• 5.7 V/10.1 V Output Over-voltage Protection for
5.1 V/9.1 V Outputs
• Cord Voltage Compensation
• Meet EN55022 Class B Radiated EMI Standard
• 8 kV ESD HBM Protection on DP and DM
• SOP-8EP Package
APPLICATIONS
• Car Charger
• Cigarette Lighter Adaptor (CLA)
• Rechargeable Portable Device
• CV/CC regulation DC/DC converter
GENERAL DESCRIPTION
ACT4530M is a wide input voltage, high efficiency step-
down DC/DC converter that operates in either CV
(Constant Output Voltage) mode or CC (Constant
Output Current) mode. It is an improvement over the
ACT4529 with its QC2.0 compatibility in 12 V
automotive applications. The ACT4530M eliminates the
issue with QC2.0 buck converters that try to operate
with VIN = 12 V to Vout = 12 V. In addition to QC2.0, it
also supports Apple, Samsung and BC1.2 protocols.
ACT4530M also has an optional input pin, PDC, that
accepts a tri-state input for USB-PD control. The
ACT4530M also filters out non-QC2.0 compatible
communication pulses generated by some phones’
communication protocols.
ACT4530M has accurate output current limits under
constant current regulation to meet MFi specification. It
provides up to 3.0 A output current at 125 kHz switching
frequency. ACT4530M utilizes adaptive drive technique
to achieve good EMI performance while main >90%
efficiency at full load for mini size CLA designs. It also
has output short circuit protection with hiccup mode.
The average output current is reduced to below 6 mA
when output is shorted to ground. Other features
include output over voltage protection and thermal
shutdown.
This device is available in a SOP-8EP package and
require very few external components for operation.
Typical Application Circuit
V/I Profile


Similar Part No. - ACT4530M

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4530M ACTIVE-SEMI-ACT4530M Datasheet
1Mb / 14P
40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev 1.0, 04-Jan-2019
ACT4530MYH-T0010 ACTIVE-SEMI-ACT4530MYH-T0010 Datasheet
1Mb / 14P
40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev 1.0, 04-Jan-2019
More results

Similar Description - ACT4530M

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4527 ACTIVE-SEMI-ACT4527 Datasheet
614Kb / 13P
40V/3.0A CV/CC Buck Converter Featuring USB-PD
Rev 1, December 28th, 2015
ACT4528 ACTIVE-SEMI-ACT4528 Datasheet
1Mb / 13P
40V/3.0A CV/CC Buck Converter Featuring QC2.0 and USB Auto-Detect
Rev 1.2, December 28th, 2015
ACT4529 ACTIVE-SEMI-ACT4529 Datasheet
1Mb / 13P
40V/3.0A CV/CC Buck Converter Featuring QC2.0 ,USB Auto-Detect and USB-PD
Rev 1, October 13th, 2015
ACT4527 ACTIVE-SEMI-ACT4527_17 Datasheet
1Mb / 14P
40V/3.0A CV/CC Buck Converter Featuring USB-PD
Rev 2, 06-Jan-2017
ACT4528 ACTIVE-SEMI-ACT4528_16 Datasheet
1Mb / 14P
40V/3.0A CV/CC Buck Converter Featuring QC2.0 and USB Auto-Detect
Rev 2, 06-Jan-2016
ACT4529 ACTIVE-SEMI-ACT4529_17 Datasheet
1Mb / 15P
40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev 4, 06-Jan-2017
EA4527YH ACTIVE-SEMI-EA4527YH Datasheet
1Mb / 14P
40V/3.0A CV/CC Buck Converter Featuring USB-PD
Rev 2, 06-Jan-2017
ACT4529M ACTIVE-SEMI-ACT4529M Datasheet
2Mb / 15P
40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev 1, 23-Feb-17
ACT4530 ACTIVE-SEMI-ACT4530 Datasheet
1Mb / 14P
40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev 1.0, 19-Nov-2018
ACT4530M ACTIVE-SEMI-ACT4530M Datasheet
1Mb / 14P
40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev 1.0, 04-Jan-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com