Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4530M Datasheet(PDF) 7 Page - Qorvo, Inc

Part # ACT4530M
Description  40 V/3.0 A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4530M Datasheet(HTML) 7 Page - Qorvo, Inc

Back Button ACT4530M Datasheet HTML 3Page - Qorvo, Inc ACT4530M Datasheet HTML 4Page - Qorvo, Inc ACT4530M Datasheet HTML 5Page - Qorvo, Inc ACT4530M Datasheet HTML 6Page - Qorvo, Inc ACT4530M Datasheet HTML 7Page - Qorvo, Inc ACT4530M Datasheet HTML 8Page - Qorvo, Inc ACT4530M Datasheet HTML 9Page - Qorvo, Inc ACT4530M Datasheet HTML 10Page - Qorvo, Inc ACT4530M Datasheet HTML 11Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Data Sheet Rev. B, September 2019 | Subject to change without notice
7 of 15
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT4530M
40 V/3.0 A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Discharge circuit starts to discharge output through
CSP pins when output over voltage is detected.
Discharge circuit brings 9 V down to 5 V in less
than 100 ms.
Output Under-Voltage Protection / Hiccup
Mode
The
ACT4530M
implements
an
under
voltage
protection (UVP) threshold to protect against fault
conditions. If the output voltage is below UVP threshold
for more than 10 us, an over current or short circuit is
assumed, and the converter goes into hiccup mode by
disabling the converter and restarting after hiccup
waiting period of 4.3s .
Thermal Shutdown
If the junction temperature, TJ, increases beyond 160 °C,
the ACT4530 shuts down until TJ drops below 130 °C.
Cord Compensation
The ACT4530M implements cord compensation to
account for voltage drops due to output cable resistance.
It accomplishes this by increasing the output voltage
with increasing output current. The increased output
voltage is measured at the CSP pin.
The cord compensation voltage is derived as:
Δ
VOUT = (VCSP-VCSN)*K
Where K = 3.03
The cord compensation loop is very slow to avoid
disturbing to the voltage loop when there are
load transients.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com