Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4530M Datasheet(PDF) 11 Page - Qorvo, Inc

Part # ACT4530M
Description  40 V/3.0 A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4530M Datasheet(HTML) 11 Page - Qorvo, Inc

Back Button ACT4530M Datasheet HTML 7Page - Qorvo, Inc ACT4530M Datasheet HTML 8Page - Qorvo, Inc ACT4530M Datasheet HTML 9Page - Qorvo, Inc ACT4530M Datasheet HTML 10Page - Qorvo, Inc ACT4530M Datasheet HTML 11Page - Qorvo, Inc ACT4530M Datasheet HTML 12Page - Qorvo, Inc ACT4530M Datasheet HTML 13Page - Qorvo, Inc ACT4530M Datasheet HTML 14Page - Qorvo, Inc ACT4530M Datasheet HTML 15Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Data Sheet Rev. B, September 2019 | Subject to change without notice
11 of 15
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT4530M
40 V/3.0 A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Typical Application Circuit
BOM List for 2.4 A Car Charger
ITEM
REFERENCE
DESCRIPTION
MANUFACTURER
QTY
1
U1
IC, ACT4530M, SOP-8EP
Active-Semi
1
2
C1
Capacitor, Electrolytic, 47 µF/35 V
Murata, TDK
1
3
C2
Capacitor, Ceramic, 10 µF/25 V, 1206, SMD
Murata, TDK
1
4
C3
Capacitor, Ceramic, 22 nF/25 V, 0603, SMD
Murata, TDK
1
5
C4
Capacitor, Ceramic, 22 µF/16 V, 1206, SMD
Murata, TDK
1
6
C5
Capacitor, Electrolytic, 220 µF/16 V
Murata, TDK
1
7
C6
Capacitor, Ceramic, 2.2 µF/16 V, 0805, SMD
Murata, TDK
1
8
L1
Inductor, 40 µH, 4 A, 20%
1
9
D1
Diode, Schottky, 40 V/5 A, SK54L
Panjit
1
10
Rcs
Chip Resistor, 20 mΩ, 1206, 1%
Murata, TDK
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com