Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT72350 Datasheet(PDF) 75 Page - Qorvo, Inc

Part # ACT72350
Description  160V 3-phase BLDC Motor Driver with Integrated Power Manager and Configurable AFE
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT72350 Datasheet(HTML) 75 Page - Qorvo, Inc

Back Button ACT72350 Datasheet HTML 71Page - Qorvo, Inc ACT72350 Datasheet HTML 72Page - Qorvo, Inc ACT72350 Datasheet HTML 73Page - Qorvo, Inc ACT72350 Datasheet HTML 74Page - Qorvo, Inc ACT72350 Datasheet HTML 75Page - Qorvo, Inc ACT72350 Datasheet HTML 76Page - Qorvo, Inc ACT72350 Datasheet HTML 77Page - Qorvo, Inc ACT72350 Datasheet HTML 78Page - Qorvo, Inc ACT72350 Datasheet HTML 79Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 97 page
background image
ACT72350 Data Sheet
160V 3 Phase BLDC Motor Driver
Data Sheet v1.1, 2025-02-17
Subject to change without notice
75 of 97
www.qorvo.com
®
0000b: Rising = 0mV, Falling = 0mV
AIO8 Special Mode Comparator Rising/Falling Hysteresis
for SOC.SPECCFG0.HYSMODE = 1:
1111b: Rising = 96mV, Falling = 96mV
1110b: Rising = 96mV, Falling = 48mV
1101b: Rising = 96mV, Falling = 24mV
1100b: Rising = 96mV, Falling = 0mV
1011b: Rising = 48mV, Falling = 96mV
1010b: Rising = 48mV, Falling = 48mV
1001b: Rising = 48mV, Falling = 24mV
1000b: Rising = 48mV, Falling = 0mV
0111b: Rising = 24mV, Falling = 96mV
0110b: Rising = 24mV, Falling = 48mV
0101b: Rising = 24mV, Falling = 24mV
0100b: Rising = 24mV, Falling = 0mV
0011b: Rising = 0mV, Falling = 96mV
0010b: Rising = 0mV, Falling = 48mV
0001b: Rising = 0mV, Falling = 24mV
0000b: Rising = 0mV, Falling = 0mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com