Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT72350 Datasheet(PDF) 21 Page - Qorvo, Inc

Part # ACT72350
Description  160V 3-phase BLDC Motor Driver with Integrated Power Manager and Configurable AFE
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT72350 Datasheet(HTML) 21 Page - Qorvo, Inc

Back Button ACT72350 Datasheet HTML 17Page - Qorvo, Inc ACT72350 Datasheet HTML 18Page - Qorvo, Inc ACT72350 Datasheet HTML 19Page - Qorvo, Inc ACT72350 Datasheet HTML 20Page - Qorvo, Inc ACT72350 Datasheet HTML 21Page - Qorvo, Inc ACT72350 Datasheet HTML 22Page - Qorvo, Inc ACT72350 Datasheet HTML 23Page - Qorvo, Inc ACT72350 Datasheet HTML 24Page - Qorvo, Inc ACT72350 Datasheet HTML 25Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 97 page
background image
ACT72350 Data Sheet
160V 3 Phase BLDC Motor Driver
Data Sheet v1.1, 2025-02-17
Subject to change without notice
21 of 97
www.qorvo.com
®
10.1
Electrical Characteristics
Table 10-1 Serial Peripheral Interface Electrical Characteristics
Parameter
Description
Min
Max
Units
TSS_LO
Time between Slave Select falling edge and SCLK rising edge
20
ns
TSCLK
SCLK Period
40
ns
TSCLK_HI
SCLK Signal High Level Time
20
ns
TSCLK_LO
SCLK Signal Low Level Time
20
ns
TMISO
Master Input Slave Output data valid to SCLK falling edge
15
ns
TMOSI
Master Output Slave Input data valid to SCLK rising edge
15
ns
TSS_HI
Time between the last SCLK falling edge and Slave Select
rising edge
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com