Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT72350 Datasheet(PDF) 53 Page - Qorvo, Inc

Part # ACT72350
Description  160V 3-phase BLDC Motor Driver with Integrated Power Manager and Configurable AFE
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT72350 Datasheet(HTML) 53 Page - Qorvo, Inc

Back Button ACT72350 Datasheet HTML 49Page - Qorvo, Inc ACT72350 Datasheet HTML 50Page - Qorvo, Inc ACT72350 Datasheet HTML 51Page - Qorvo, Inc ACT72350 Datasheet HTML 52Page - Qorvo, Inc ACT72350 Datasheet HTML 53Page - Qorvo, Inc ACT72350 Datasheet HTML 54Page - Qorvo, Inc ACT72350 Datasheet HTML 55Page - Qorvo, Inc ACT72350 Datasheet HTML 56Page - Qorvo, Inc ACT72350 Datasheet HTML 57Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 97 page
background image
ACT72350 Data Sheet
160V 3 Phase BLDC Motor Driver
Data Sheet v1.1, 2025-02-17
Subject to change without notice
53 of 97
www.qorvo.com
®
12.17.3 SOC.CFGAIO2
Register 12-3 SOC.CFGAIO2 (AIO2 Configuration, 08h)
BIT
NAME
ACCESS
RESET
IO MODE
DIFFAMP MODE
7:6
MODE32
RW
00b
00b
01b
5:4
OPT2
RW
0b
OPT2: AI2 /AO32 Option:
00b: Input
01b: Hi-Z
10b: Open-drain output
11b: Hi-Z
GAIN32: Differential amplifier gain setting:
000b: 1x
001b: 1x
010b: 2x
011b: 4x
100b: 8x
101b: 16x
110b: 32x
111b: 48x
3
POL2
RW
0b
If CFGAIO2.OPT2 = 00b, AI2 input
polarity setting.
If CFGAIO2.OPT2 = 10b, AO32
output polarity setting:
0b: active high
1b: active low
2
MUX2
RW
0b
MUX2: AO32 Digital MUX setting:
000b: DOUT2
001b: DB1
010b: DB2
011b: DB3
100b: DB4
101b: DB5
110b: DB6
111b: DB7
Reserved, write as 0.
1:0
RW
0b
LP32EN: LP32 Comparator setting:
00b: disabled
01b: 1µs blanking time
10b: 2µs blanking time
11b: 4µs blanking time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com