Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT72350 Datasheet(PDF) 11 Page - Qorvo, Inc

Part # ACT72350
Description  160V 3-phase BLDC Motor Driver with Integrated Power Manager and Configurable AFE
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT72350 Datasheet(HTML) 11 Page - Qorvo, Inc

Back Button ACT72350 Datasheet HTML 7Page - Qorvo, Inc ACT72350 Datasheet HTML 8Page - Qorvo, Inc ACT72350 Datasheet HTML 9Page - Qorvo, Inc ACT72350 Datasheet HTML 10Page - Qorvo, Inc ACT72350 Datasheet HTML 11Page - Qorvo, Inc ACT72350 Datasheet HTML 12Page - Qorvo, Inc ACT72350 Datasheet HTML 13Page - Qorvo, Inc ACT72350 Datasheet HTML 14Page - Qorvo, Inc ACT72350 Datasheet HTML 15Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 97 page
background image
ACT72350 Data Sheet
160V 3 Phase BLDC Motor Driver
Data Sheet v1.1, 2025-02-17
Subject to change without notice
11 of 97
www.qorvo.com
®
5
FEATURES
5.1
Feature Overview
▪
Configurable Power Manager
o
High-voltage buck switching supply controller
•
Input Voltage: 25V
– 160V
•
Configurable Output Voltage: 12V or 15V
o
5V medium-voltage switching supply regulator
o
2 Linear regulators with power and hibernate management
o
Power and temperature monitor, warning, fault detection
▪
Proprietary Configurable Analog Front-End
o
10 Analog Front-End IO pins
o
3 Differential Programmable Gain Amplifiers
o
4 Single-ended Programmable Gain Amplifiers
o
Programmable Over-Current Protection
o
6 Over-Current Protection Comparators
o
4 General Purpose Comparators with BEMF sensing Special Mode option
o
2 10-bit DACs
o
SPI accessible
▪
Proprietary Application Specific Power Drivers
o
3 160V (180V Bootstrap) high-side gate drivers with 2A gate driving capability
o
3 low-side gate drivers with 2A gate driving capability
o
Configurable propagation delay and fault protection
o
PWM control interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com